Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 52Page - ams-OSRAM AG CMV2000 Datasheet HTML 53Page - ams-OSRAM AG CMV2000 Datasheet HTML 54Page - ams-OSRAM AG CMV2000 Datasheet HTML 55Page - ams-OSRAM AG CMV2000 Datasheet HTML 56Page - ams-OSRAM AG CMV2000 Datasheet HTML 57Page - ams-OSRAM AG CMV2000 Datasheet HTML 58Page - ams-OSRAM AG CMV2000 Datasheet HTML 59Page - ams-OSRAM AG CMV2000 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
56 / 87
/
7.4.3
Windowing
To limit the amount of data or to increase the frame rate of the sensor, windowing in Y
direction is possible. The number of lines and start address can be set by programming the
appropriate registers. The CMV2000 has the possibility to read-out multiple (max=8)
predefined sub windows in one read-out cycle. The default mode is to read-out one window
with the full frame size (2048x1088).
7.4.3.1
Single window
When a single window is read out, the start address and size can be uploaded in the
corresponding registers. The default start address is 0 and the default size is 1088 (full frame),
like shown in Table 18 and Figure 50.
Table 18: Single window register settings
Register name
Register address
Default value
Description if the value
start1
3[7:0]
4[7:0]
0
Defines the start address of the window in Y (min=0,
max=1087)
Number_lines
1[7:0]
2[7:0]
1088
Defines the number of lines read-out by the sensor
(min=1, max=1088)
Figure 50: Window structure
2048
Number_lines
start1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com