Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 61 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 61 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 57Page - ams-OSRAM AG CMV2000 Datasheet HTML 58Page - ams-OSRAM AG CMV2000 Datasheet HTML 59Page - ams-OSRAM AG CMV2000 Datasheet HTML 60Page - ams-OSRAM AG CMV2000 Datasheet HTML 61Page - ams-OSRAM AG CMV2000 Datasheet HTML 62Page - ams-OSRAM AG CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
61 / 87
/
Table 22: Advanced subsampling register settings
Register name
Register address
Default value
Description of the value
Number_lines
1[7:0]
2[7:0]
1088
Defines the total number of lines read-out by the
sensor (min=1, max=1088)
Sub_s
35[7:0]
36[7:0]
0
Should be ‘0’ at all times
Sub_a
37[7:0]
38[7:0]
0
Number of rows to skip, it should be an even number
between (0 and 2046).
Figure 54 shows two subsampling examples (skip 4x and skip 2x) in advanced mode.
Figure 54: Subsampling examples in advanced mode (skip 4x and skip 2x)
7.4.6
Number of frames
When internal exposure mode is selected, the number of frames sent by the sensor after a
frame request can be programmed in the corresponding sequencer register.
Table 23: Number of frames register settings
Register name
Register address
Default value
Description of the value
Number_frames
70[7:0]
71[7:0]
1
Defines the number of frames grabbed and sent by
the image sensor in internal exposure mode (min
=1, max = 65535)
Sub_s = 0
Sub_a = 4
Number_lines = sum of red lines
Sub_s = 0
Sub_a = 2
Number_lines = sum of red lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com