| Electronic Components Datasheet Search |
|
CMV2000 Datasheet(PDF) 57 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Datasheet(HTML) 57 Page - ams-OSRAM AG |
|
57 / 87 page ![]() CMV2000 Functional description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 57 / 87 / 7.4.3.2 Multiple window The CMV2000 can read out a maximum of 8 different sub windows in one read-out cycle. The location and length of these sub windows must be programmed in the correct registers. The total number of lines to be read-out (sum of all windows) needs to be specified in the Number_lines register. The registers which need to be programmed for the multiple windows can be found in Table 19. The default values will result in one window with 1088 lines to be read out. Table 19: Multiple window register settings Register name Register address Default value Description of the value Number_lines 1[7:0] 2[7:0] 1088 Defines the total number of lines read-out by the sensor (min=1, max=1088) start1 3[7:0] 4[7:0] 0 Defines the start address of the first window in Y (min=0, max=1087) Number_lines1 19[7:0] 20[7:0] 0 Defines the number of lines of the first window (min=1, max=1088) start2 5[7:0] 6[7:0] 0 Defines the start address of the second window in Y (min=0, max=1087) Number_lines2 21[7:0] 22[7:0] 0 Defines the number of lines of the second window (min=1, max=1088) start3 7[7:0] 8[7:0] 0 Defines the start address of the third window in Y (min=0, max=1087) Number_lines3 23[7:0] 24[7:0] 0 Defines the number of lines of the third window (min=1, max=1088) start4 9[7:0] 10[7:0] 0 Defines the start address of the fourth window in Y (min=0, max=1087) Number_lines4 25[7:0] 26[7:0] 0 Defines the number of lines of the fourth window (min=1, max=1088) start5 11[7:0] 12[7:0] 0 Defines the start address of the fifth window in Y (min=0, max=1087) Number_lines5 27[7:0] 28[7:0] 0 Defines the number of lines of the fifth window (min=1, max=1088) start6 13[7:0] 14[7:0] 0 Defines the start address of the sixth window in Y (min=0, max=1088) Number_lines6 29[7:0] 30[7:0] 0 Defines the number of lines of the sixth window (min=1, max=1088) start7 15[7:0] 16[7:0] 0 Defines the start address of the seventh window in Y (min=0, max=1087) Number_lines7 31[7:0] 32[7:0] 0 Defines the number of lines of the seventh window (min=1, max=1088) start8 17[7:0] 18[7:0] 0 Defines the start address of the eighth window in Y (min=0, max=1087) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |