Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 22Page - ams-OSRAM AG CMV2000 Datasheet HTML 23Page - ams-OSRAM AG CMV2000 Datasheet HTML 24Page - ams-OSRAM AG CMV2000 Datasheet HTML 25Page - ams-OSRAM AG CMV2000 Datasheet HTML 26Page - ams-OSRAM AG CMV2000 Datasheet HTML 27Page - ams-OSRAM AG CMV2000 Datasheet HTML 28Page - ams-OSRAM AG CMV2000 Datasheet HTML 29Page - ams-OSRAM AG CMV2000 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
26 / 87
/
7.2.2
Biasing
For optimal performance, some pins need to be decoupled to ground or to VDD. Please refer
to the pin list for a detailed description for every pin and the appropriate decoupling if
applicable.
7.2.3
Digital input pins
Table 5 gives an overview of the external pins used to drive the sensor. The digital signals are
sampled on the rising edge of the CLK_IN, therefore the length of the signal applied to an input
should be at least 1 CLK_IN period to assure it has been detected. All digital I/O’s have a
capacitance of 2 pF max.
Table 5: Digital input pins description
Pin name
Description
CLK_IN
Master input clock, frequency range between 5 and 48 MHz.
LVDS_CLK_N/P
High speed LVDS input clock, frequency range between 50 and 480 MHz.
SYS_RES_N
System reset pin, active low signal. Resets the on-board sequencer and must be kept low
during start-up. This signal should be at least one period of CLK_IN long to assure detection
on the rising edge of CLK_IN.
FRAME_REQ
Frame request pin. When a high level is detected on this pin the programmed number of
frames is captured and sent by the sensor. This signal should be at least one period of
CLK_IN long to assure detection on the rising edge of CLK_IN.
SPI_IN
Data input pin for the SPI interface. The data to program the image sensor is sent over this
pin.
SPI_EN
SPI enable pin. When this pin is high the data should be written/read on the SPI.
SPI_CLK
SPI clock. This is the clock on which the SPI runs.
T_EXP1
Input pin to program the exposure time externally. Optional
T_EXP2
Input pin to program the exposure time externally in HDR mode. Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com