Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG CMV2000 Datasheet HTML 67Page - ams-OSRAM AG CMV2000 Datasheet HTML 68Page - ams-OSRAM AG CMV2000 Datasheet HTML 69Page - ams-OSRAM AG CMV2000 Datasheet HTML 70Page - ams-OSRAM AG CMV2000 Datasheet HTML 71Page - ams-OSRAM AG CMV2000 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
68 / 87
/
7.6.3
Horizontal line effect during exposure start
Information:
This chapter is just applicable for Version 3.
When the exposure of an image frame is started while a previous image frame is read out this
action may become visible in the image frame currently read out. The effect is visible in the line
addressed for read-out at the moment the exposure of the next image frame starts. Depending
on the moment when the exposure starts within the line read-out time, this will result in a bright
or dark offset for the addressed line. This horizontal line artifact is due to the cross-talk of the
global transfer gate pulse on the column read-out.
This problem is solved by changing the sequencer timing. At the moment the global transfer is
pulsed, a programmable number of dummy rows can be inserted in the read-out. This means
that the transfer pulse crosstalk does not influence valid data rows.
The exact internal impact of the new timing depends on the read-out and exposure modes
(PLR, internal or external exposure control…). Externally, the only impact is that the DVAL and
LVAL outputs are not pulsed for a number of row periods. The external system should always
monitor the DVAL, LVAL and FVAL pulses to know when valid pixels, lines and frames
become available. Figure 57 shows the timing (in case of 2 dummy rows).
Figure 57: Timing of DVAL, LVAL and FVAL to avoid horizontal line artifact
By default, no dummy rows are inserted in the read-out. The dummy rows are enabled by
loading the appropriate values to the register inte_sync and dummy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com