Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 18Page - ams-OSRAM AG CMV2000 Datasheet HTML 19Page - ams-OSRAM AG CMV2000 Datasheet HTML 20Page - ams-OSRAM AG CMV2000 Datasheet HTML 21Page - ams-OSRAM AG CMV2000 Datasheet HTML 22Page - ams-OSRAM AG CMV2000 Datasheet HTML 23Page - ams-OSRAM AG CMV2000 Datasheet HTML 24Page - ams-OSRAM AG CMV2000 Datasheet HTML 25Page - ams-OSRAM AG CMV2000 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
22 / 87
/
7.1.3
LVDS block
The LVDS block converts the digital data coming from the column ADC into standard serial
LVDS data running at maximum 480 Mbps. The sensor has 18 LVDS output pairs:
•
16 Data channels
•
1 Control channel
•
1 Clock channel
The 16 data channels are used to transfer 10-bit or 12-bit data words from sensor to receiver.
The output clock channel transports a DDR clock, synchronous to the data on the other LVDS
channels. This clock can be used at the receiving end to sample the data. The data on the
control channel contains status information on the validity of the data on the data channels,
among other useful sensor status information. Details on the LVDS timing and format can be
found in chapter 7.3 of this document.
LVDS requires parallel termination at the receiver side. So, between LVDS_CLK_P (pin D1)
and LVDS_CLK_N (pin D2) should be an external 100Ω resistor. Also, all the LVDS outputs
should all be externally terminated at the receiver side. See the TIA/EIA-644A standard for
details.
7.1.4
Sequencer
The on-chip sequencer will generate all required control signals to operate the sensor from
only a few external control clocks. This sequencer can be activated and programmed through
the SPI interface. A detailed description of the SPI registers and sensor (sequencer)
programming can be found in chapter 7.3.1 of this document.
7.1.5
SPI interface
The SPI interface is used to load the sequencer registers with data. The data in these registers
are used by the sequencer while driving and reading out the image sensor. Features like
windowing, subsampling, gain and offset are programmed using this interface. The data in the
on-chip registers can also be read back for test and debug of the surrounding system. Chapter
7.2.2 contains more details on SPI programming and timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com