Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 50Page - ams-OSRAM AG CMV2000 Datasheet HTML 51Page - ams-OSRAM AG CMV2000 Datasheet HTML 52Page - ams-OSRAM AG CMV2000 Datasheet HTML 53Page - ams-OSRAM AG CMV2000 Datasheet HTML 54Page - ams-OSRAM AG CMV2000 Datasheet HTML 55Page - ams-OSRAM AG CMV2000 Datasheet HTML 56Page - ams-OSRAM AG CMV2000 Datasheet HTML 57Page - ams-OSRAM AG CMV2000 Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
54 / 87
/
Register name
Register address
Default value
Description of the value
Exp_kp2
51[7:0]
52[7:0]
53[7:0]
1
Defines the exposure time of kneepoint 2. Formula:
129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������2)
Where clk_per is the period of the CLK_IN input
clock.
Vlow3
90[6:0]
96
Defines the Vlow3 voltage (DAC setting).
Bit [6] = Enable
Bit[5:0] = Vlow3 value
Vlow2
89[6:0]
96
Defines the Vlow2 voltage (DAC setting).
Bit [6] = Enable
Bit[5:0] = Vlow2 value
Piecewise linear response with EXTERNAL exposure mode:
When external exposure time is used and a piecewise linear response is desired, the following
registers should be programmed. Note that the combination of the piecewise linear response
and interleaved read-out is not possible.
Table 16: Piecewise linear response with external exposure mode register settings
Register name
Register address
Default value
Description of the value
Nr_slopes
54[1:0]
1
Defines the number of slopes (min=1, max=3).
Vlow3
90[6:0]
96
Defines the Vlow3 voltage (DAC setting).
Vlow2
89[6:0]
96
Defines the Vlow2 voltage (DAC setting).
The timing that needs to be applied in this external exposure mode looks like the one shown in
Figure 49.
Figure 49: Timing of external exposure mode
FRAME_REQ
T_EXP1
Total exposure time
Exposure kp2
Exposure kp1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com