Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 13Page - ams-OSRAM AG CMV2000 Datasheet HTML 14Page - ams-OSRAM AG CMV2000 Datasheet HTML 15Page - ams-OSRAM AG CMV2000 Datasheet HTML 16Page - ams-OSRAM AG CMV2000 Datasheet HTML 17Page - ams-OSRAM AG CMV2000 Datasheet HTML 18Page - ams-OSRAM AG CMV2000 Datasheet HTML 19Page - ams-OSRAM AG CMV2000 Datasheet HTML 20Page - ams-OSRAM AG CMV2000 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
CMV2000
Specification overview
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
17 / 87
/
Specification
Value
Comment
Supported HDR modes
Multi-frame read-out with
different exposure time
Successive frames are read out with increasing exposure
times. The final image is a combination (externally) of these
frames.
Interleaved integration times
Interleaved exposure times for different rows: Odd rows
(double rows for color) have a different exposure compared to
even rows (double rows for color). Final image is a combination
of the two (through interpolation).
Piecewise linear response
Response curve with two knee points.
ADC
10-bit/12-bit
Column ADC
Interface
LVDS
Serial output data + synchronization signals
I/O logic levels
LVDS = 1.8 V
Dig. I/O = 3.3 V
Supply voltages
Version 2: 2.1 V
Version 3: 2.0 V
LVDS, ADC
3.0 V
Pixel array supply
3.3 V
Dig. I/O, SPI, PGA
Clock inputs
CLK_IN
Between 5 and 48 MHz
LVDS_CLK_N/P
Between 50 and 480 MHz, LVDS
SPI_CLK
Max. 48 MHz
Power
550 mW to 1200 mW
Actual wattage is dependent on the used configuration
Package
Custom ceramic package
µPGA (95 pins)
LGA (95 pins)
LCC (92 pins)
Operating range
-30 °C to 70 °C
Dark current and noise performance will degrade at higher
temperature
Cover glass
D263
Plain or AR glass, no IR cut-off filter on color devices
ESD
Class 1A HBM
Class 4C CDM
RoHS
Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com