Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 63Page - ams-OSRAM AG CMV2000 Datasheet HTML 64Page - ams-OSRAM AG CMV2000 Datasheet HTML 65Page - ams-OSRAM AG CMV2000 Datasheet HTML 66Page - ams-OSRAM AG CMV2000 Datasheet HTML 67Page - ams-OSRAM AG CMV2000 Datasheet HTML 68Page - ams-OSRAM AG CMV2000 Datasheet HTML 69Page - ams-OSRAM AG CMV2000 Datasheet HTML 70Page - ams-OSRAM AG CMV2000 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
67 / 87
/
Figure 56: Typical graphs of gain setting
7.6.2
Black reference columns
Information:
This chapter is just applicable for Version 3.
When the appropriate SPI register is set, the 16 first columns will be put to an electrical black
reference. This electrical black reference can be used to reduce the row noise and/or track
black level.
Table 31: Black columns
Register name
Register address
Default value
Description of the value
Black_col_en
121[1]
0
0: Disable
1: Enable
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
ADC Register Value
48MHz
40MHz
30Mhz
25MHz
20MHz
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com