Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 34Page - ams-OSRAM AG CMV2000 Datasheet HTML 35Page - ams-OSRAM AG CMV2000 Datasheet HTML 36Page - ams-OSRAM AG CMV2000 Datasheet HTML 37Page - ams-OSRAM AG CMV2000 Datasheet HTML 38Page - ams-OSRAM AG CMV2000 Datasheet HTML 39Page - ams-OSRAM AG CMV2000 Datasheet HTML 40Page - ams-OSRAM AG CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
38 / 87
/
7.3
Sensor readout format
7.3.1
LVDS data outputs
The CMV2000 has LVDS (low voltage differential signaling) outputs to transport the image
data to the surrounding system. Next to 16 data channels, the sensor also has two other LVDS
channels for control and synchronization of the image data. In total, the sensor has 18 LVDS
output pairs (2 pins for each LVDS channel):
16 Data channels
1 Control channel
1 Clock channel
This means that a total of 36 pins of the CMV2000 are used for the LVDS outputs (32 for data
+ 2 for LVDS clock + 2 for control channel). See the pin list for the exact pin numbers of the
LVDS outputs.
The 16 data channels are used to transfer the 10-bit or 12-bit pixel data from the sensor to the
receiver in the surrounding system.
The output clock channel transports a clock, synchronous to the data on the other LVDS
channels. This clock can be used at the receiving end to sample the data. This clock is a DDR
clock which means that the frequency will be half of the output data rate. When 480 Mbps
output data rate is used, the LVDS output clock will be 240 MHz.
The data on the control channel contains status information on the validity of the data on the
data channels. Information on the control channel is grouped in 10-bit or 12-bit words that are
transferred synchronous to the 16 data channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com