Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 30Page - ams-OSRAM AG CMV2000 Datasheet HTML 31Page - ams-OSRAM AG CMV2000 Datasheet HTML 32Page - ams-OSRAM AG CMV2000 Datasheet HTML 33Page - ams-OSRAM AG CMV2000 Datasheet HTML 34Page - ams-OSRAM AG CMV2000 Datasheet HTML 35Page - ams-OSRAM AG CMV2000 Datasheet HTML 36Page - ams-OSRAM AG CMV2000 Datasheet HTML 37Page - ams-OSRAM AG CMV2000 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
34 / 87
/
When several sensor registers need to be written, the timing above can be repeated with
SPI_EN remaining high all the time. See the Figure 22 for an example of 2 registers being
written in burst.
Figure 22: SPI write timing for 2 registers in burst
All registers should be updated during IDLE time. The sensor is not IDLE during a frame burst
(between start of integration of first frame and read-out of last pixel of last frame).
Registers 35-38, 40-69, 100-103 can be updated during IDLE or FOT. Registers 1-34 and 70-
71 can always be updated but it is recommended to update these during IDLE or FOT to
minimize image effects. Registers 78-79 can always be updated without disrupting the imaging
process.
7.2.8.2
SPI read
The timing to read data from the registers over the SPI interface can be found in Figure 23.
Figure 23: SPI read timing
To indicate a read action over the SPI interface, the control bit on the SPI_IN pin is made ‘0’.
The address of the register being read out is sent immediately after this control bit (MSB first).
After the LSB of the address bits, the data is launched on the SPI_OUT pin on the falling edge
of the SPI_CLK. This means that the data should be sampled by the receiving system on the
rising edge of the SPI_CLK. The data comes over the SPI_OUT with MSB first. When reading
out the temperature sensor over the SPI, addresses 126 and 127 should de read-out in burst
mode (keep SPI_EN high).
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
½ CLK
1 CLK
SPI_EN
SPI_IN
SPI_CLK
C=
’0'
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
SPI_OUT
½ CLK
1 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com