Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 51Page - ams-OSRAM AG CMV2000 Datasheet HTML 52Page - ams-OSRAM AG CMV2000 Datasheet HTML 53Page - ams-OSRAM AG CMV2000 Datasheet HTML 54Page - ams-OSRAM AG CMV2000 Datasheet HTML 55Page - ams-OSRAM AG CMV2000 Datasheet HTML 56Page - ams-OSRAM AG CMV2000 Datasheet HTML 57Page - ams-OSRAM AG CMV2000 Datasheet HTML 58Page - ams-OSRAM AG CMV2000 Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
55 / 87
/
7.4.2.3
Multi-frame read-out
The sensor has the possibility to read-out multiple frames with increasing exposure time for
each frame. The exposure time step and number of frames can be programmed using the
appropriate registers. The frames grabbed in this mode, can be combined to create one high
dynamic range image. This combination needs to be made by the receiving system.
The following registers should be used when this multi-frame read-out is selected. This mode
only works with internal exposure time setting.
Table 17: Multi-frame read-out mode register settings
Register name
Register address
Default value
Description of the value
Exp_time
42[7:0]
43[7:0]
44[7:0]
1088
Defines the exposure time of the first frame in the
sequence. Formula:
129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������)
Where clk_per is the period of the CLK_IN input
clock.
Exp_step
45[7:0]
46[7:0]
47[7:0]
0
Defines the step size for the increasing exposure
times in multi-frame read-out. This value will be
added to Exp_time per frame. So the exposure time
for the nth frame is:
129 ∗ ������������������_������������������(0.43 ∗ ������������������_������������������������������ℎ + ������������������_������������������������ + (������ − 1)
∗ ������������������_������������������������)
Where clk_per is the period of the CLK_IN input
clock and n is the nth frame.
Exp_seq
55[7:0]
1
Defines the number of frames to be read-out in
multi-frame mode (min = 1, max = 255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com