Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 38Page - ams-OSRAM AG CMV2000 Datasheet HTML 39Page - ams-OSRAM AG CMV2000 Datasheet HTML 40Page - ams-OSRAM AG CMV2000 Datasheet HTML 41Page - ams-OSRAM AG CMV2000 Datasheet HTML 42Page - ams-OSRAM AG CMV2000 Datasheet HTML 43Page - ams-OSRAM AG CMV2000 Datasheet HTML 44Page - ams-OSRAM AG CMV2000 Datasheet HTML 45Page - ams-OSRAM AG CMV2000 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
42 / 87
/
7.3.4
Pixel remapping
Depending on the number of output channels, the pixels are read out by different channels and
come out at a different moment in time. With the details from the next chapters, the end user is
able to remap the pixel values at the output to their correct image array location.
7.3.4.1
16 outputs
Figure 38 shows the location of the image pixels versus the output channel of the image
sensor.
16 bursts of 128 pixels happen in parallel on the data outputs. This means that one complete
row is read out in one burst. The amount of rows that will be read out depends on the value in
the corresponding register. By default, there are 1088 rows being read out.
Figure 38: Pixel remapping for 16 output channels
IDLE
Pixel 0 to 127
Channel 1
IDLE
Pixel 128 to 255
Channel 2
IDLE
Pixel 256 to 383
Channel 3
IDLE
Pixel 1792 to 1919
Channel 15
IDLE
Pixel 1920 to 2047
Channel 16
Row 1
Pixel 0 to 127
Row 2
Pixel 128 to 255
Pixel 256 to 383
Pixel 1792 to 1919
Pixel 1920 to 2047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com