Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMV2000 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # CMV2000
Description  CMV2000 Global shutter CMOS image sensor for machine vision
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV2000 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button CMV2000 Datasheet HTML 46Page - ams-OSRAM AG CMV2000 Datasheet HTML 47Page - ams-OSRAM AG CMV2000 Datasheet HTML 48Page - ams-OSRAM AG CMV2000 Datasheet HTML 49Page - ams-OSRAM AG CMV2000 Datasheet HTML 50Page - ams-OSRAM AG CMV2000 Datasheet HTML 51Page - ams-OSRAM AG CMV2000 Datasheet HTML 52Page - ams-OSRAM AG CMV2000 Datasheet HTML 53Page - ams-OSRAM AG CMV2000 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
CMV2000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000734
• v8-00 • 2025-Jul-07
50 / 87
/
To calculate back from actual exposure time to the register value for internal exposure can use
the following formula (exposure time and clk_per should have the same time unit):
������������������_������������������������ =
������������������������������������������������ ������������������������
129 ∗ ������������������_������������������
− 0.43 ∗ ������������������_������������������������������ℎ
For very short integration times, the fot_length should be lowered to 5 and the maximum clock
speed should be used. In internal exposure mode, the shortest exposure time is limited by the
exp_time register, when this is set to 1, the shortest exposure time is 14.24 µs, or 8.47 µs for
fot_length = 5.
In external exposure mode, the time between T_EXP1 and FRAME_REQ can be as short as
one clock cycle, reducing the shortest exposure time even more to 11.58 µs, or 5.80 µs for
fot_length = 5.
7.4.2
High dynamic range modes
The sensor has different ways to achieve high optical dynamic range in the grabbed image.
Interleaved read-out: the odd and even rows have a different exposure time.
Piecewise linear response: pixels respond to light with a piecewise linear response curve.
Multi-frame read-out: Different frames are read-out with increasing exposure time.
All the HDR modes mentioned above can be used in both the internal and external exposure
time mode.
7.4.2.1
Interleaved read-out
In this HDR mode, the odd and even rows of the image sensors will have a different exposure
time. This mode can be enabled by setting the register Exp_dual.
Table 12: Interleaved read-out
– HDR mode enabling
Register name
Register address
Default value
Description of the value
Exp_dual
41[1]
0
0: Interleaved exposure mode disabled
1: Interleaved exposure mode enabled
The surrounding system can combine the image of the odd rows with the image of the even
rows which results in a high dynamic range image. In this image, very bright and very dark
objects are made visible without clipping. The Table 13 gives an overview of the registers
involved in the interleaved read-out when the internal exposure mode is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com