Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 113Page - STMicroelectronics ST10F280 Datasheet HTML 114Page - STMicroelectronics ST10F280 Datasheet HTML 115Page - STMicroelectronics ST10F280 Datasheet HTML 116Page - STMicroelectronics ST10F280 Datasheet HTML 117Page - STMicroelectronics ST10F280 Datasheet HTML 118Page - STMicroelectronics ST10F280 Datasheet HTML 119Page - STMicroelectronics ST10F280 Datasheet HTML 120Page - STMicroelectronics ST10F280 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 186 page
background image
ST10F280
117/186
Baud Rate Generation
The Baud rate generator is clocked by fCPU/2. The
timer is counting downwards and can be started
or stopped through the global enable Bit SSCEN
in register SSCCON. Register SSCBR is the
dual-function
Baud
Rate
Generator/Reload
register. Reading SSCBR, while the SSC is
enabled, returns the content of the timer. Reading
SSCBR, while the SSC is disabled, returns the
programmed reload value. In this mode the
desired reload value can be written to SSCBR.
Note
Never write to SSCBR, while the SSC is
enabled.
The formulas below calculate the resulting Baud
rate for a given reload value and the required
reload value for a given Baud rate:
(SSCBR) represents the content of the reload
register, taken as unsigned 16 Bit integer.
Table 26 lists some possible Baud rates against
the required reload values and the resulting bit
times for a 40MHz CPU clock.
Baud rateSSC =
fCPU
2 x [(SSCBR) + 1]
SSCBR = (
fCPU
2 x Baud rateSSC
) 1
Table 26 : Synchronous Baud Rate and Reload
Values
Baud Rate
Bit Time
Reload Value
Reserved use a
reload value > 0.
---
---
10M Baud
100ns
0001h
5M Baud
200ns
0003h
2.5M Baud
400ns
0007h
1M Baud
1
µs
0013h
100K Baud
10
µs
00C7h
10K Baud
100
µs
07CFh
1K Baud
1ms
4E1Fh
306 Baud
3.26ms
FF4Eh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com