Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F280 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 116Page - STMicroelectronics ST10F280 Datasheet HTML 117Page - STMicroelectronics ST10F280 Datasheet HTML 118Page - STMicroelectronics ST10F280 Datasheet HTML 119Page - STMicroelectronics ST10F280 Datasheet HTML 120Page - STMicroelectronics ST10F280 Datasheet HTML 121Page - STMicroelectronics ST10F280 Datasheet HTML 122Page - STMicroelectronics ST10F280 Datasheet HTML 123Page - STMicroelectronics ST10F280 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 186 page
background image
ST10F280
120/186
Control / Status Register (EF00h/EE00h)
XReg
Reset Value: XX01h
Table 27 : CAN Control/Status Register
15
14
13
12
11
10
9
8
76543210
BOFF EWRN
-
RXOK TXOK
LEC
TST
CCE
0
0
EIE
SIE
IE
INIT
R
R
RW
RW
RW
RW
RW
R
R
RW
RW
RW
RW
Bit
Function (Control Bit)
INIT
Initialization
1:
Software initialization of the CAN controller. While init is set, all message transfers are stopped.
Setting init does not change the configuration registers and does not stop transmission or
reception of a message in progress. The INIT bit is also set by hardware, following a busoff
condition; the CPU then needs to reset INIT to start the bus recovery sequence.
0:
Disable software initialization of the CAN controller; on INI completion, the CAN waits for 11
consecutive recessive bit before taking part in bus activities.
IE
Interrupt Enable Does not affect status updates.
1:
Global interrupt enable from CAN module.
0:
Global interrupt disable from CAN module.
SIE
Status Change Interrupt Enable
1:
Enables interrupt generation when a message transfer (reception or transmision is successfully
completed) or CAN bus error is detected and registered in LEC is the status partition.
0:
Disable status change interrupt.
EIE
Error Interrupt Enable
1:
Enables interrupt generation on a change of bit BOFF or EWARN in the status partition.
0:
Disable error interrupt.
CCE
Configuration Change Enable
1:
Allows CPU access to the bit timing register
0:
Disables CPU access to the bit timing register
TST
Test Mode (Bit 7)
Make sure that bit 7 is cleared when writing to the Control Register. Writing a 1 during normal operation
may lead erroneous device behaviour.
LEC
Last Error Code
This field holds a code which indicates the type of the last error occurred on the CAN bus. If a message has
been transferred (reception or transmission) without error, this field will be cleared. Code “7” is unused and
may be written by the CPU to check for updates.
0:
No Error
1:
Stuff Error: More than 5 equal bit in a sequence have occurred in a part of a received message
where this is not allowed.
2:
Form Error: A fixed format part of a received frame has the wrong format.
3:
AckError: The message this CAN controller transmitted was not acknowledged by another node
4:
Bit1Error: During the transmission of a message (with the exception of the arbitration field), the
device wanted to send a recessive level (“1”), but the monitored bus value was dominant
5:
Bit0Error: During the transmission of a message (or acknowledge bit, active error flag, or overload
flag), the device wanted to send a
dominant level (“0”), but the monitored bus value was recessive.
During
busoff recovery this status is set each time a sequence of 11 recessive bit has been
monitored. This enables the CPU to monitor the proceeding of the busoff recovery sequence
(indicating the bus is not stuck at
dominant or continuously disturbed).
6:
CRCError: The CRC check sum was incorrect in the message received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com