Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 61Page - STMicroelectronics ST75C530 Datasheet HTML 62Page - STMicroelectronics ST75C530 Datasheet HTML 63Page - STMicroelectronics ST75C530 Datasheet HTML 64Page - STMicroelectronics ST75C530 Datasheet HTML 65Page - STMicroelectronics ST75C530 Datasheet HTML 66Page - STMicroelectronics ST75C530 Datasheet HTML 67Page - STMicroelectronics ST75C530 Datasheet HTML 68Page - STMicroelectronics ST75C530 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
XI - TRANSMITTING DATA IN PARALLEL MODE (continued)
XI.1.5 - FSK Full Duplex Mode
In FSK Full duplex Mode the parallel mode as-
sumes that the Bit time duration is the nominal Bit
rate.
Each bit element from the Transmit buffer is main-
tained during the full bit time.
The Nominal bit clock is defined as follows :
FSK Standard
Nominal Transmit Bit Rate (Hz) (1)
V.21
300
Bell 103
300
V.23 Originate
75
V.23 Answer
1200
Note 1 :
T he accur acy of the B i t cl ock is given by t he
ST75C530/540 oscillator, and must better than 100ppm.
XI.2 - Modem Flow Chart
When Data Mode, each time the ST75C530/540
need a bit to transmit it executes the following
routine (see Figure 28). Where x starts with the
value 0 and toggle thereafter between 1 and 0.
XI.3 - Host Flow Chart
Here after are Flowcharts to :
- Establish a V.29 transmission
- Send Synchronous continuous “$AA, $55, $AA,
$55, ...” sequence.The managmentof the Buffers
are done under Interrupt.
- Stop properly the transmition.
No
Yes
BEGIN
READ BIT IN
INTERNAL BUFFER
INTERNAL BUFFER
EMPTY
SELECT NEXT DUAL
RAM BUFFER X
No
Yes
DTTBSx = 0
MOVE DTTBFx DATA
TO INTERNAL BUFFER
CLEAR DTTBSx
RAISE IT2 INTERRUPT
RETURN
RETURN
SIGNAL ERROR
INTO ERR_TX
RAISE IT0 INTERRUPT
SELECT DUAL
RAM BUFFER x = 0
RETURN
Figure 28
Establish a V.29 transmition and send the very first
Buffer (see Figure 29).
CONF 0F 08 00 01
HSHK
No
Yes
STA_106 = 1
FORM 00 (opt)
XMIT 1
FILL FIRST BUFFER
Select V.29 9600bps
Start V.29 sequence
Wait until end
of training
Format synchronous
Fill the first buffer # 0
Start to transmit
the first buffer
FILL FIRST BUFFER
WRITE AA, 55 ...
INTO DTTBF [0..7]
WRITE 08 INTO DTTBFS0
SELECT NEXT BUFFER
IBUF = 1
Tx_COMPLETED = FALSE
ENABLE IT2
ITMASK = 0 x 84
RET
Subroutine :
Figure 29
ST75C530 - ST75C540
65/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com