Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 70Page - STMicroelectronics ST75C530 Datasheet HTML 71Page - STMicroelectronics ST75C530 Datasheet HTML 72Page - STMicroelectronics ST75C530 Datasheet HTML 73Page - STMicroelectronics ST75C530 Datasheet HTML 74Page - STMicroelectronics ST75C530 Datasheet HTML 75Page - STMicroelectronics ST75C530 Datasheet HTML 76Page - STMicroelectronics ST75C530 Datasheet HTML 77Page - STMicroelectronics ST75C530 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
XII - RECEIVING IN PARALLEL MODE (continued)
XII.7 - UART Mode
XII.7.1 - Description
In UART mode the ST75C530/540extracts from the
received Characters the Data information only. It re-
ports, troughthe DUAL Ram buffer,onlydatainforma-
tion charactervalidity. The mechanism is as follows :
- As long as the ST75C530/540 receives continu-
ous “1” nothing happens.
- When the ST75C530/540 receives the start bit
(“0”) it starts to compute the parity. As soon as the
number of data bit (defined by the FORM com-
mand) is received, the ST75C530/540 writes the
received character into the DTRBFx buffer and
update the receive Status word DTRBSx.
- The Reported errors are :
• Parity error (lowest priority): the receivedparity
is not equal to the computed parity. Some bits,
inside the character, are erroneous.
• Stop bit error (middle priority): the bit after the
parity was not a stop bit (“1”). Note that if the
two stop bit format was selected, only the first
stop bit will be checked.
• BreakDetection (highestpriority): the characteris
a breaksignal as definedin the transmit section.If
the duration of the break is longer than one char-
acter, only one break buffer will be reported.
XI.7.2 - Status Word Format
DTRBSx in UART Mode
Field
Pos.
Value
Definition
BUFF_LENG
3 .. 0
0
1
Other
Buffer empty.
1 character received
(DTRBFx[0]).
Not allowed.
BUFF_ERRS
5..4
00
01
10
11
No error.
Parity error
Stop bit error
Break signal detected
XIII - VOCODER DATA EXCHANGE
XIII.1 - Overview
The ST75C530/540 can receive (or transmit)
coded voice from (to) the telephone line or the
audio interface. The receiving mode is the CODER
mode while the transmit is the DECODER mode.
Two formats of Voice compression are provided: Low
bit rate and ADPCM. In all the formats and speed the
managementof the CodedVoice is exactly the same.
In any format a frame of all data equal to zero will
be synthesised (DECODER) as a frame of silence.
XIII.2 - Vocoder Buffer
A buffer area is reserved in the DUAL ram to
exchange Voice between the ST75C530/540 and
the Host processor. Thisareaisusedeitherforrecord-
ing (CODER) or playing back (DECODER) the voice
signal.
The DUAL Ram area associated with the VO-
CODER is as follows :
Name
Address
Description
VOCSTA
$1C
Vocoder Buffer Status
VOCDATA
$1D..$2E
Vocoder Buffer Data
VOCCORR
$2F..$30
Vocoder Buffer Corrector
The IT1 interrupt signal is dedicatedto the Vocoder
Buffer Management.
XIII.3 - Transmit (DECODER)
This mode is entered with the CONF DECODER
command.
If the ADPCM or Low bit rate without error correc-
tion mode (CONF_ERCOR = 0) are selected, the
user needs to feed the vocoder buffer with 18 bytes
of voice data, then set the VOCSTA byte with a
value different from zero.
In the low bit rate with error mode (CONF_ERCOR
= 1), the user needsto feed the vocoder buffer with
20 bytes of voice data, then set the VOCSTA byte
with a value different from zero.
Once the ST75C530/540 have read the buffer, it
clears the VOCSTAbyte and raise the IT1 interrupt.
The IT1 interrupt rate is as follows :
Mode
Interrupt
Time (ms)
Number of
Voice Samples
in the Buffer
(8kHz sampling)
ADPCM 32Kpbs
4.5
36
ADPCM 24Kpbs
6
48
ADPCM 16Kpbs
9
72
Low Bit Rate Nominal
(with and without
error correction)
30
240
Low Bit Rate
Fast/Slow Playback
Depends on
speed 15 to 45
Depends on
speed 120 to 360
Low Bit Rate Pause
0
-
A silence can be generatedby writing zero to all the
VOCDATA bytes (an d VOCCORR b ytes if
CONF_ERCOR = 1). The duration of the silence
will be the same as the other frames of signal.
As the buffer contains always a complete number
of samples representing the same duration, it is
easy to randomly advance forward/backward in a
message.
If the user does not feed the Buffer within the
Interrupt time, the ST75C530/540 will signal this
error by rising the ERR_VOCO in theSYSERR byte
and rising the IT0 Interrupt. In this case the pre-
vious frame will be re-transmited.
ST75C530 - ST75C540
74/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com