Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 75 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 71Page - STMicroelectronics ST75C530 Datasheet HTML 72Page - STMicroelectronics ST75C530 Datasheet HTML 73Page - STMicroelectronics ST75C530 Datasheet HTML 74Page - STMicroelectronics ST75C530 Datasheet HTML 75Page - STMicroelectronics ST75C530 Datasheet HTML 76Page - STMicroelectronics ST75C530 Datasheet HTML 77Page - STMicroelectronics ST75C530 Datasheet HTML 78Page - STMicroelectronics ST75C530 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
XIII.4 - Receive (CODER)
This function can be entered either by :
- The CONF CODER Command. This corresponds
to the “Normal Answering Machine” function.
- The MODC Command with MODC_COD = 1, in
the HANDSET Mode. This corresponds, in the
HANDSET mode to the “Conversation Record-
ing” function. This reduced sub-mode does not
allow ADPCM format and does not perform VAD
(Voice Activity Detector).
Once this function is selected, the ST75C530/540
starts to code the voice signal, writes one frame of
compressed voice into the VOCDATA bytes (if the
low bit rate mode is selected, computes always the
Corrector bytes and writes them in the VOCCORR
bytes) then writes the VOCSTAbyte and generates
the IT1 interrupt.
The IT1 interrupt rate is as follows :
Mode
Interrupt
Time
(ms)
Number of Voice
Samples
in the Buffer
(8kHz sampling)
ADPCM 32Kpbs
4.5
36
ADPCM 24Kpbs
6
48
ADPCM 16Kpbs
9
72
Low Bit Rate (with and
without error correction)
30
240
Note that the VOCCORR are always computed,
whatever the value of CONF_ERCOR.
The format of the VOCSTA byte is as follows :
VOCSTAT
Format
Field
Pos. Value
Definition
Low Bit
Rate
VOC
_VAD
70
1
VAD Unvoiced Signal.
VAD Voice Signal.
VOC
_NUM
4..0
10100 (20 decimal) Number
of VOCDATA Bytes
ADPCM
VOC
_VAD
70
1
VAD Unvoiced Signal.
VAD Voice Signal.
VOC
_NUM
4..0
10010 (18 decimal) Number
of VOCDATA Bytes
Note that in “Conversation recording” the VOCSTA
byte is always $14.
The user must read the VOCDATA (and optionally
the VOCCORR) bytes and clear the VOCSTA byte
(writing $00).
If the user does not clear the VOCSTA byte within
the interrupt time, the ST75C530/540 will signal
this error by rising the ERR_VOCO in the SYSERR
byte and rising the IT0 Interrupt. In this case the
current frame is lost.
If the CONF_SUPSIL bit is 1 in the CONF CODER
command, the interrupts IT1 appears only when
the VAD has detected a voiced signal.
XIII - VOCODER DATA EXCHANGE (continued)
ST75C530 - ST75C540
75/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com