Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 75Page - STMicroelectronics ST75C530 Datasheet HTML 76Page - STMicroelectronics ST75C530 Datasheet HTML 77Page - STMicroelectronics ST75C530 Datasheet HTML 78Page - STMicroelectronics ST75C530 Datasheet HTML 79Page - STMicroelectronics ST75C530 Datasheet HTML 80Page - STMicroelectronics ST75C530 Datasheet HTML 81Page - STMicroelectronics ST75C530 Datasheet HTML 82Page - STMicroelectronics ST75C530 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
XVIII - PCB DESIGN GUIDELINES
Performances of the FAX modem depends on the
ST75C530/540 intrinsic performances and on the
proper PC board layout.
All aspects of the proper engineering practices, for
PC board design, are beyond the scope of this
paragraph.
We recommend the following points :
- in a 4-layer PC board : Separated digital ground
and analog ground, connected together at one
point, as close as possible to the ST75C530/540,
- in a 2-layer PC board : Provide a ground grid in all
spacearoundandundercomponentson bothsides
of the band and connect to avoid small islands,
- both AGNDR and AGNDT must be connected
with very low impedance to a single point, (see
Chapter I.6, Power Supply),
- the four 2.2nF capacitors connected to the RxA
and MIC1, MIC2, MIC3 Pins must be as close as
possible to them,
- thetwo100nFcapacitorsconnectedtotheVREFP and
VREFN pins must be as close as possible to them,
- analog and digital supplies must be connected
together,at a single point, as close as possibleto
the chip.
15
ADC
MUTE
DAC
Line
HYBRID
TxA1
TxA2
RxA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ATT_SPK
ATT_LOC
ATT_TX
4 TONES
GENERATOR
DG
DTMF
DETECTOR
16 TONE
DETECTORS
4 TONE
DETECTORS
V.21 FLAG
DETECTOR
RING
DETECTOR
DUAL
RAM
INTERFACE
DG
Programmable
Attenuation
Addition
of Signals
Automatic
Gain
Figure 49 : Tone Mode (TONE)
15
ADC
MUTE
DAC
Line
HYBRID
TxA1
TxA2
RxA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ATT_SPK
ATT_LOC
ATT_TX
4 TONES
GENERATOR
DG
DTMF
DETECTOR
6 TONE
DETECTORS
4 TONE
DETECTORS
V.21 FLAG
DETECTOR
UART
DUAL
RAM
INTERFACE
DG
Programmable
Attenuation
Addition
of Signals
Automatic
Gain
RING
DETECTOR
V.23
DEMODULATOR
Figure 50 : Tone Mode with Caller ID (TONECID)
XIX - APPENDIX A : MODES OF OPERATION
ST75C530 - ST75C540
79/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com