Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 28Page - STMicroelectronics ST75C530 Datasheet HTML 29Page - STMicroelectronics ST75C530 Datasheet HTML 30Page - STMicroelectronics ST75C530 Datasheet HTML 31Page - STMicroelectronics ST75C530 Datasheet HTML 32Page - STMicroelectronics ST75C530 Datasheet HTML 33Page - STMicroelectronics ST75C530 Datasheet HTML 34Page - STMicroelectronics ST75C530 Datasheet HTML 35Page - STMicroelectronics ST75C530 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
CR
Complex Read
CR
Opcode:
11
000
10001
Synopsis
CR allows thereading of a complex parameter.The parameterspecifiestheparameter address(for
the real part : the imaginary part is next location). CR returns the high byte value of both real and
imaginary part of the addressedcomplex parameter(see ChapterVIII “STATUS DESCRIPTION”).
Parameters
Field
Byte
Pos.
Value
Definition
CR_ADDR_L
1
7..0
Low byte of the 16-bit address
CR_ADDR_H
2
7..0
High byte of the 16-bit address
CSE
Clear Error Status
CSE
Opcode:
08
000
01000
Synopsis
CSE is used to clear the ST75C530/540 error status SYSERR byte. It is also used as an
acknowledge to the error condition handler.
Parameters
Field
Byte
Pos.
Value
Definition
ERR_MASK
1
7..0
Error mask. See report appendix for detailed meaning
DEFT
Define Arbitrary Tone
DEFT
Opcode:
0E
000
01110
Synopsis
DEFT programs one of the four tone generator for arbitrary tone generation.The parameter
is the frequency of the generated tone expressed in Hertz between 0 and 3600Hz.
Parameters
Field
Byte
Pos.
Value
Definition
TONE_GEN_SL
1
1..0
Index of the tone generator (3..0)
TONE_FREQ_L
2
7..0
Low byte of the frequency
TONE_FREQ_H
3
7..0
High byte of the frequency (internally masked with 0F)
TONE_SCALE
4
7..0
Amplitude scaling factor (high byte)
3F gives the nominal amplitude
DOSR
Define Optional Status Report
DOSR
Opcode:
0A
000
01010
Synopsis
DOSR specifies the address of the RAM variables to be monitored in the 4 locations
STAOPT[0..3] of the dual port RAM. It also specifies the assignment within the 4 locations.
Parameters
Field
Byte
Pos.
Value
Definition
STA_OPT_ASS
1
1..0
0..3
Index of the STAOPT destination
STA_OPT_ADL
2
7..0
Low byte of source address
STA_OPT_ADH
3
3..0
High byte of source address
STA_OPT_HL
3
7
0
1
Select low byte of source
Select high byte of source
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
32/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com