Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 35Page - STMicroelectronics ST75C530 Datasheet HTML 36Page - STMicroelectronics ST75C530 Datasheet HTML 37Page - STMicroelectronics ST75C530 Datasheet HTML 38Page - STMicroelectronics ST75C530 Datasheet HTML 39Page - STMicroelectronics ST75C530 Datasheet HTML 40Page - STMicroelectronics ST75C530 Datasheet HTML 41Page - STMicroelectronics ST75C530 Datasheet HTML 42Page - STMicroelectronics ST75C530 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
TDRC
Tone Detector Read Coefficient
TDRC
Opcode:
1A
000
11010
Synopsis
TDRC Read one Coefficient of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
4..0
0..13
Tone detector cell number
TD_C_ADDR
2
7..0
0..B
10
20
30
(1)
40
(1)
Biquad coefficient
Energy coefficient
Static level
Energy coefficient for relative comparison
Gain for relative comparison
The command answer is : Low Byte of Coefficient followed by High Byte of Coefficient.
Note 1 :
Value 30 and 40 of byte 2 are available only for secondary tone detector.
TDRW
Tone Detector Read Wiring
TDRW
Opcode:
1B
000
11011
Synopsis
TDRW Read Wiring of the selected Tone Detector Cell.
Parameters
Field
Byte
Pos.
Value
Definition
TD_CELL
1
4..0
0..13
Tone detector cell number
For primary tone detector
TD_W_ADDR
2
0
0
1
Other
Biquad and energy input
Comparator inputs
Reserved
The command answer is :
a) If TD_W_ADDR = 0 :
- First Byte is the Node Number of the Signal connected to Biquadratic Filter input.
- Second Byte is the Node Number of the Signal connected to the Energy estimator input.
b) if TD_W_ADDR = 1 :
- First Byte is the Node Number of the Signal connected to Comparator Negative input.
- Second Byte is the Node Number of the Signal connectedto the Comparator Positive input.
For secondary tone detector TD_W_ADDR is not defined.
- First byte is 00 if relative comparison is not mandatory,
First byte is 01 if relative comparison is mandatory.
- Second byte is for the configuration of the secondary tone detector :
C0 configuration 1+1 of secondary tone detectors,
E0 configuration 1+1+2,
F0 configuration 1+1+1.
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
39/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com