Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 7Page - STMicroelectronics ST75C530 Datasheet HTML 8Page - STMicroelectronics ST75C530 Datasheet HTML 9Page - STMicroelectronics ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics ST75C530 Datasheet HTML 13Page - STMicroelectronics ST75C530 Datasheet HTML 14Page - STMicroelectronics ST75C530 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
IV.4 - Modem Analog Interface
AVDD =DVDD =5V, Tamb =25
oC
Measurement bandwidth is flat from 100Hz to 4800Hz ;Load impedance 10k
Ω, 20pF
For differential output (TxA1/TxA2) : 0dBr = 1.77VRMS 1kHz sinwave (equivalent to 5VPP).
For single input (RxA) : 0dBr = 886mVRMS 1kHz sinwave (equivalent to 2.5VPP).
Symbol
Pin Name
Parameter
Min.
Typ.
Max.
Unit
Rxrin
RxA
Input Impedance
100
k
Ω
Rxmac
Maximum AC Input Voltage = 0dBr
2.5
VPP
Rxdc
DC Reference Voltage
2.5
V
Rxsndr
Signal to (Noise + Distortion), at -6dBr
75
dB
Rxin
Idle Noise
-81
dBr
Rxov
DC Offset Voltage (Input = VCM)
-50
100
mV
TxAdrl
TxA1/TxA2
Minimum Differential Load
10
k
Ω
TxAcl
Maximum Differential Load
20
pF
TxArout
Output Impedance
100
Ω
TxAmac
Maximum AC Differential Output = 0dBr
5
VPP
TxAdc
DC Reference Voltage
2.5
V
TxAov
DC Offset Voltage
-200
200
mV
TxAsndr
Signal to (Noise + Distortion), at -6dBr
79
dB
TxAin
Idle Noise
-85
dBr
IV.5 - Audio Analog Interface
AVDD =DVDD =5V, Tamb =25
oC
Measurement bandwidth is flat from 100Hz to 4800Hz ;Load impedance 10k
Ω, 20pF
For differential output (SPK1N/SPK1P, SPK2N/SPK2P, SPK3N/SPK3P) : 0dBr = 1.77VRMS 1kHz sinwave
(equivalent to 5VPP).
For single input (MIC1, MIC2, MIC3) : 0dBr = 886mVRMS 1kHz sinwave (equivalent to 2.5VPP).
Symbol
Pin Name
Parameter
Min.
Typ.
Max.
Unit
RArin
MIC1,
MIC2,
MIC3
Input Impedance
100
k
Ω
RAmac
Maximum AC Input Voltage = 0dBr
2.5
VPP
RAdc
DC Reference Voltage
2.5
V
RAdis
Distortion at -6dBr
2
%
RAin
Idle Noise
-81
dBr
RAov
DC Offset Voltage (Input = VCM)
-50
50
mV
TAdrl
SPK1N/SPK1P,
SPK2N/SPK2P,
SPK3N/SPK3P
Minimum Differential Load
10
k
Ω
TArout
Output Impedance
100
Ω
TAmac
Maximum AC Differential Output = 0dBr
5
VPP
TAdc
DC Reference Voltage
2.5
V
TAov
DC Offset Voltage
-200
200
mV
TAdis
Distortion at -6dBr
1
%
TAin
Idle Noise
-81
dBr
IV - ELECTRICAL SPECIFICATIONS (continued)
ST75C530 - ST75C540
11/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com