Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 38Page - STMicroelectronics ST75C530 Datasheet HTML 39Page - STMicroelectronics ST75C530 Datasheet HTML 40Page - STMicroelectronics ST75C530 Datasheet HTML 41Page - STMicroelectronics ST75C530 Datasheet HTML 42Page - STMicroelectronics ST75C530 Datasheet HTML 43Page - STMicroelectronics ST75C530 Datasheet HTML 44Page - STMicroelectronics ST75C530 Datasheet HTML 45Page - STMicroelectronics ST75C530 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
TONE
Predefined Tones
TONE
Opcode:
0C
000
01100
Synopsis
TONE programs the tone generator for the predifined tones. The tone generator #0 and
eventualy #1 are reprogrammed with this command. The tone generator #0 and eventualy
the #1 are enabled. Using a value not in the following table will disable tone generator #0
and #1.
Parameters
Field
Byte
Pos.
Value
Definition
TONE_SELECT
1
5..0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
10
11
12
13
14
DTMF digit 0
DTMF digit 1
DTMF digit 2
DTMF digit 3
DTMF digit 4
DTMF digit 5
DTMF digit 6
DTMF digit 7
DTMF digit 8
DTMF digit 9
DTMF digit A
DTMF digit B
DTMF digit C
DTMF digit D
DTMF digit *
DTMF digit #
Answer tone 2100Hz
Tone 1650Hz
Tone 2225Hz
Tone 1300Hz
Tone 1100Hz
TONE_OUT
1
7
0
1
Output on line
Output on audio
XMIT
Start/stop Transmission
XMIT
Opcode:
01
000
00001
Synopsis
XMIT start or stop the transmission of the Transmit Data.
Parameters
Field
Byte
Pos.
Value
Definition
TX_START
1
0
0*
1
Stop transmission
Start transmission
VII - COMMAND SET DESCRIPTION (continued)
ST75C530 - ST75C540
42/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com