Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 16Page - STMicroelectronics ST75C530 Datasheet HTML 17Page - STMicroelectronics ST75C530 Datasheet HTML 18Page - STMicroelectronics ST75C530 Datasheet HTML 19Page - STMicroelectronics ST75C530 Datasheet HTML 20Page - STMicroelectronics ST75C530 Datasheet HTML 21Page - STMicroelectronics ST75C530 Datasheet HTML 22Page - STMicroelectronics ST75C530 Datasheet HTML 23Page - STMicroelectronics ST75C530 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
V - FUNCTIONAL DESCRIPTION (continued)
GND
+12V
47.5k
Ω
+6V
+6V
470pF
18.2k
Ω 1%
18.2k
Ω 1%
470nF
470nF
270pF
24k
Ω 1%
TxA1
TxA2
1.2k
Ω
33k
Ω 1%
24.3k
Ω 1% 470nF
560
Ω
470nF
30k
Ω 1%
6.21k
Ω 1%
+6V
RxA
2.2nF
VCM
+6V
+6V
22nF
+6V
470nF
1:1 *
* Insertion loss = 2.5dB between 0 and 3.4kHz
GND
+12V
Figure 14 : Data Mode
GND
+12V
47.5k
Ω
+6V
+6V
470pF
18.2k
Ω 1%
18.2k
Ω 1%
470nF
470nF
270pF
56.2k
Ω 1%
TxA1
TxA2
1.2k
Ω
10k
Ω 1%
24.3k
Ω 1% 470nF
560
Ω
470nF
30k
Ω 1%
6.21k
Ω 1%
+6V
RxA
2.2nF
VCM
+6V
+6V
22nF
+6V
470nF
1:1 *
* Insertion loss = 2.5dB between 0 and 3.4kHz
+12V
GND
Figure 13 : Fax Mode
ST75C530 - ST75C540
20/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com