Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 24Page - STMicroelectronics ST75C530 Datasheet HTML 25Page - STMicroelectronics ST75C530 Datasheet HTML 26Page - STMicroelectronics ST75C530 Datasheet HTML 27Page - STMicroelectronics ST75C530 Datasheet HTML 28Page - STMicroelectronics ST75C530 Datasheet HTML 29Page - STMicroelectronics ST75C530 Datasheet HTML 30Page - STMicroelectronics ST75C530 Datasheet HTML 31Page - STMicroelectronics ST75C530 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
VII - COMMAND SET DESCRIPTION
Commands are presented according to the following form :
COMMAND
Command Name Meaning
COMMAND
Opcode
Hexadecimal digit
XX
XX
XX
X
X
Synopsis
Short description of the functions performed by the command.
Parameters
Field
Byte
Pos.
Value
Definition
Name
X
b..a
xx *
Explanation of the parameter
Default value
Field
Name of the addressed bit field.
Byte
Index (or address in the dual port RAM) of the parameter byte (from 1 to 4).
Pos.
Bit field position inside the parameter byte. Can either be a single position (from 0 to 7, 0
being LSB) or a range.
Value
Possiblevaluesfor thebit(resp. bitfield). Rangemeansall valuesare allowed.Astarmeansa default
value. Valuesare expressed either under the form of a bit string, or under hexadecimal format.
ASEL
ASEL
Opcode:
0B
00
001
01
1
Synopsis
Select the analog path options. This command select the Attenuation/Mute of the outputs
TxA1/TxA2 and SPK1/SPK2/SPK3. This command select also the source of the Mic signal
MIC1/MIC2/MIC2 and the source of the Line Signal RxA/MIC3.
Parameters
Field
Byte
Pos.
Value
Definition
ASEL_ASPK1
1
7..4
0000*
0001
0010
...
1010
1011
Other
Infinity attenuation
30dB attenuation
27dB attenuation
...
3dB attenuation
0dB attenuation
Reserved
ASEL_MICSEL
2
1..0
00*
01
10
11
Select Rx input as MIC1
Select Rx input as MIC1
Select Rx input as MIC2
Select Rx input as MIC3
ASEL_LINESEL
2
2
0*
1
Select RxA as line input
Select Mic3 as line input
ASEL_ESPK1
2
3
0*
1
SPK1 output muted
SPK1 output normal
ASEL_ESPK2
2
4
0*
1
SPK2 output muted
SPK2 output normal
ASEL_ESPK3
2
5
0*
1
SPK3 output muted
SPK3 output normal
ASEL_MTXA
2
7
0*
1
TxA output normal
TxA output muted
CALL
Call a Subroutine
CALL
Opcode:
19
00
011
00
1
Synopsis
CALL allows to execute a part of the ST75C530/540 firmware with a specific argument.
Parameters
Field
Byte
Pos.
Value
Definition
C_ADDR_L
1
7..0
Low byte of the call address
C_ADDR_H
2
7..0
High byte of the call address
C_DATA_L
3
7..0
Low byte of the argument
C_DATA_H
4
7..0
High byte of the argument
This instruction can be used with SGS-THOMSON Microelectronics Application Laboratory Support for
special applications development or debugging needs. Contact your local representative.
ST75C530 - ST75C540
28/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com