Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 68Page - STMicroelectronics ST75C530 Datasheet HTML 69Page - STMicroelectronics ST75C530 Datasheet HTML 70Page - STMicroelectronics ST75C530 Datasheet HTML 71Page - STMicroelectronics ST75C530 Datasheet HTML 72Page - STMicroelectronics ST75C530 Datasheet HTML 73Page - STMicroelectronics ST75C530 Datasheet HTML 74Page - STMicroelectronics ST75C530 Datasheet HTML 75Page - STMicroelectronics ST75C530 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
XII - RECEIVING IN PARALLEL MODE (continued)
XII.5 - Synchronous Mode
XII.5.1 - Description
In synchronous mode the ST75C530/540 writes
the received bit into the DUAL RAM Buffer without
any modification. It starts with the Bit 0 of the
DTRBF0[0] byte.
XII.5.2 - Status Word Format
The receiveStatus Byte DTRBS0 or DTRBS1 have
the same following meaning (See Table below).
The BUFF_LENG is always 8 except when a lost
of carrier (STA_109 going to 0) happens.
This status byte is set by the ST75C530/540, just
before generating the IT3 interrupt.
XII.6 - HDLC Mode
XII.6.1 - Description
In HDLC mode the ST75C530/540 extracts from
the received HDLC frame the Data information
only. It reports, trough the DUAL Ram buffer, only
data information and frame validity. The mecha-
nism is as follows :
- As long as the ST75C530/540 receives continu-
ous HDLC Flag $7E, nothing happens. Note that
the ST75C530/540 allows zero sharing between
adjacent flags.
- When the ST75C530/540 receives some data, it
removes inserted “zero” if needed, and starts to
compute the CRC. As soon as its internal buffer
is full, the ST75C530/540writes the received data
i n to the DTRBFx b u ffer a nd se ts th e
BUFF_SFRM inside the DTRBSx status byte.
- Wh e n
r ec ei v i ng
addit i onal dat a, t h e
ST75C530/540 feeds the buffer just like in syn-
chronous mode.
- When the ST75C530/540 receives a closing flag
(which can be shared with the following opening
flag) it compares the received CRC with its inter-
nal computation. It writes the contents of the
received last data into the DTRBFx buffer, sets
the BUFF_EFRM bit and reports any frame error
in the
DTRBSx register via the BUFF_ERRS bits.
Reported errors are :
• CRC error (lowest priority): the received CRC
is not equal to the computed CRC. Some bits,
inside the frame, are erroneous.
• Non Byte-Aligned frame (middle priority): the
received data bit count (after deletion of the
“zero inserted”), between the opening and the
closing flag, is not a multiple of 8.
• Aborted frame (highest priority): the frame was
aborted with at least 7 consecutive “1”
- An abort frame can be also detected, while in the
inter frame mode, if instead of receiving $7E flag,
the ST75C530/540receive more than 7 consecu-
tive “1”. In this case only one Aborted frame is
signaled, event if the ”1” condition is maintained.
DTRBSx in Synchronous Mode
Field
Pos. Value
Definition
BUFF_LENG 3 .. 0
0
1
2
..
8
Other
Buffer empty.
1 Byte received
(
DTRBFx[0]).
2 Bytes received
(DTRBFx[0] and
DTRBFx[1]).
..
8 Bytes received
(
DTRBFx[0 .. 7]).
Not used.
Other
7 .. 4
0
Not used.
XII.6.2 - Status Word Format
DTRBSx in HDLC Mode
Field
Pos. Value
Definition
BUFF_LENG 3 .. 0
0
1
2
..
8
other
Buffer empty.
1 Byte received
(
DTRBFx[0]).
2 Bytes received
(
DTRBFx[0] and
DTRBFx[1]).
..
8 Bytes received
(DTRBFx[0 .. 7]).
Not allowed.
BUFF_ERRS 5 .. 4
0 0
01
10
11
No error.
CRC error.
Non Byte-Aligned frame.
Aborted frame.
BUFF_SFRM
6
0
1
Data stream.
Start of frame : the buffer
is a beginning of frame.
BUFF_EFRM
7
0
1
Data stream.
End of frame : the buffer
is a closing frame.
ST75C530 - ST75C540
72/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com