Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 10Page - STMicroelectronics ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics ST75C530 Datasheet HTML 13Page - STMicroelectronics ST75C530 Datasheet HTML 14Page - STMicroelectronics ST75C530 Datasheet HTML 15Page - STMicroelectronics ST75C530 Datasheet HTML 16Page - STMicroelectronics ST75C530 Datasheet HTML 17Page - STMicroelectronics ST75C530 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
V.3.10 - VOCODER Description
The Vocoder mode allows the implementation of
an answering machine function. In the CODER
mode the received samples from one of the two
analog inputs, Line or Audio, are compressed by
the ST75C530/540 and written into the dual port
RAM Vocoder Buffer (VOCxxx). At the same time
the ST75C530/540 is looking for an incoming
DTMF tone and 4 different programmable tones.
In the DECODER mode the compressed samples
are read from the dual port RAM, decompressed
and transmitted to one of the two analog output,
Line or Micx. The ST75C530/540 synthesises an
estimation of its echo and subtracts it from the
r e ce i v ed s i gnal . A t t he s a me t i m e th e
ST75C530/540 is looking for an incoming DTMF
tone and 4 different tones.
Two algorithms of voice coding are implemented :
- Low bit rate speech coder (4800bps or 5300bps
with forward error correction).
- ADPCM (ST proprietary algorithm) at 32, 24 and
16Kbps.
If the low bit rate coder algorithm is selected the
ST75C530/540 has the capability to slow down or
speed up the DECODER flow up to
±50%. This
function allows a quick message listening if speed
up is used, or at the opposite if slow down is used,
an enhancement of the voice intelligibility.
V.3.11 - Voice Activity Detector (VAD)
In CODER Mode, for both of the Voice Coding
algorithms, a Voice Activity Detector is imple-
mented while coding by the ST75C530/540. The
STA_109 bit and STA_109F bit reflect the state of
the VAD. After the CONF command the VAD is on
(assume voice). The default time-out to detect si-
lence is 2 secondsand the set-up time to detect the
voice is 15ms. This VAD information is also copied
into the Receive Buffer Status Word MSB (VOC-
STA bit7). This detector is fully programmable in
level sensitivity (down to -60dBm), hysteresis, and
various criteria.
An optional silence suppressor is implemented in
the Coder section to suppress long silence in the
incoming message. When enabled (CONF_SUP-
SIL equal 1) if a long silence is detected (STA_109
equal 0) the ST75C530/540 stops generating Buff-
er Interrupts. After that if a voice is again detected
the ST75C530/540 will resume the Buffer Interrupt
mechanism.
RING
STA_RING
T1
1/Fmax prog. < T1 < 1/Fmin prog.
T2 < 1/Fmax prog.
T3
1/Fmin prog.
≈
T2
T3
Figure 1
V - FUNCTIONAL DESCRIPTION (continued)
Rx Signal
STA_109
(or VOCSTA bit 7)
2s
Interrupt (IT1)
Figure 2
ST75C530 - ST75C540
14/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com