Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 11Page - STMicroelectronics ST75C530 Datasheet HTML 12Page - STMicroelectronics ST75C530 Datasheet HTML 13Page - STMicroelectronics ST75C530 Datasheet HTML 14Page - STMicroelectronics ST75C530 Datasheet HTML 15Page - STMicroelectronics ST75C530 Datasheet HTML 16Page - STMicroelectronics ST75C530 Datasheet HTML 17Page - STMicroelectronics ST75C530 Datasheet HTML 18Page - STMicroelectronics ST75C530 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
V.3.12 - Telephony Functions
ST75C530/540 telephony software provides both
handset and handsfree modes. ST75C530/540 is
connected to the phone line through a D.A.A.,
handset and loudspeaker are connected to
ST75C530/540 through amplifiers.
Though the D.A.A. has to comply with modem/fax
regulations in most of the applications, the micro-
phone and the earphone amplifier gains will be
adjusted in compliance with the telephony regula-
tions. The software implementedin ST75C530/540
allows functions such as softclipping, AGC in both
modes, and full duplex mode in handsfree(see Fig-
ure 3).
V.3.12.1 - Handset Mode
In handset mode, all the attenuations (_SPKGAIN,
_TXGAIN, _MIKGAIN) are from 0dB to -inf
(32768 steps). AGC and softclipping functions can
be enabledand disabled by software (see Figure 4).
DUAL
RAM
INTERFACE
15
ADC
MUTE
DAC
Line
HYBRID
TxA1
TxA2
RxA
ADC
14
11
10 MIC3
8
MIC1
9
MIC2
79
SPK2
78
MUTE
77
SPK3
76
MUTE
2
SPK1
1
MUTE
[0..-30]dB
Step 3dB
DAC
ATT_TX
CODER
HANDSFREE/
HANDSET
ALGORITHMS
ATT_MIC
2 TONE
GENERATOR
AGC
2 TONE
DETECTORS
AGC
DG
Figure 3 : Handset/HandsfreeMode Operation
V - FUNCTIONAL DESCRIPTION (continued)
MIC2
SPK2_1
SPK2_2
_MIKGAIN
_SPKGAIN
Softclipping
AGC = F(I
LINE)
RxA
DP_RING
TxA1
TxA2
_TXGAIN
AGC = F(I
LINE)
Figure 4 : Handset Mode
ST75C530 - ST75C540
15/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com