Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 43Page - STMicroelectronics ST75C530 Datasheet HTML 44Page - STMicroelectronics ST75C530 Datasheet HTML 45Page - STMicroelectronics ST75C530 Datasheet HTML 46Page - STMicroelectronics ST75C530 Datasheet HTML 47Page - STMicroelectronics ST75C530 Datasheet HTML 48Page - STMicroelectronics ST75C530 Datasheet HTML 49Page - STMicroelectronics ST75C530 Datasheet HTML 50Page - STMicroelectronics ST75C530 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
VIII.2.4 - Quality Status
The quality bytes STAQUAand STAQUAS monitor an evaluationof the line quality. They are updated once
per baud and their value ranges from 127 (perfect quality) to 0 (terrible quality). This value is automaticaly
adjusted according to the current receiving mode. Refer to the following chart to convert the value of
STAQUA into its Bit Error Rate equivalence. The time constant for STAQUA is 100ms. The slow quality
byte (available on STAOP1 in Fax and Data mode except FSK) STAQUAS gives the equivalent quality with
a 1 seconde time constant.
VIII - STATUS DESCRIPTION (continued)
1e
-3
1e
-4
1e
-5
1e
-6
1e
-7
1e
-8
1e
-9
0
31
63
95
127
STAQUA
BER
1e
-2
VIII.2.5 - Optional Status
According to the operating mode of the ST75C530/540 the optional status is displaying different informa-
tions.
The optional status are automatically reprogrammed after each CONF command with the address of the
variablesto monitor according with the operating mode selected (CONF_OPER). After the CONF command
the user must overwrite this default programming by using the DOSR command. In order to change the
default set-up please refer to the “RAM Mapping application note” (delivered on request according to
revision number) to obtain the addresses of the DSP Internal variables.
VIII.2.5.1 - Default Optional Status in All modes Except MODEM
While in Tone mode the format of the STAOP word is as follows :
Optional Status Words
Add.
Name
Bit
76
543
21
0
$0C
STAOP0
TDT7
TDT6
TDT5
TDT4
TDT3
TDT2
TDT1
TDT0
$0D
STAOP1
TDT15
TDT14
TDT13
TDT12
TDT11
TDT10
TDT9
TDT8
$0E
STAOP2
RING_PERIOD
(1)
$0F
STAOP3
TDT19
TDT18
TDT17
TDT16
DTMF_DIGIT
(4)
Notes : 1. RING_PERIOD is valid when the Bit 3 of the STATUS0 (STA_RING goes high. This value is updated at eac h falling edge of the
RING Signal. The RING_PERIOD value must be multiplied by 2400 to obtain the Period in second.
2. TDTx (x in [0..15]) is the Output of the 16 Tone detectors x (sampling rate 7200Hz).
3. TDTy (y in [16..19] is the Output of the secondary Tone detectors (sampling rate 4800Hz or 9600Hz) with absolute comparison
or relative comparison.
4. DTMF_DIGIT is valid when the Bit 7 of STATUS1 (STA_DTMF) goes high. This value remains unchanged until a new DTMF
Digit is detected.
ST75C530 - ST75C540
47/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com