Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 66Page - STMicroelectronics ST75C530 Datasheet HTML 67Page - STMicroelectronics ST75C530 Datasheet HTML 68Page - STMicroelectronics ST75C530 Datasheet HTML 69Page - STMicroelectronics ST75C530 Datasheet HTML 70Page - STMicroelectronics ST75C530 Datasheet HTML 71Page - STMicroelectronics ST75C530 Datasheet HTML 72Page - STMicroelectronics ST75C530 Datasheet HTML 73Page - STMicroelectronics ST75C530 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
XII - RECEIVING IN PARALLEL MODE
XII.1 - Description
When the STA_109 (CD) signal goes on, the
ST75C530/540 will write received data into the
DUAL RAM buffer DTRBS0 at first.
XII.1.1 - Initialization
The host processor must enable the IT3 receive
interrupt first.
Then it must empty the two DTRBS0 and DTRBS1
registers by writting $00 at these locations.
As soon as the first IT3 interrupt appears, the host
must proceed with the DTRBS0 buffer.
XII.1.2 - Loss of Carrier
Eac h t im e a lo ss of ca rr ier ap pe ars the
ST75C530/540 stops updating the Data buffer. If
the carrier reappers the host must proceed again
with the initialisation sequence.
XII.1.3 - FSK Synchronization
The FSK Full Duplex demodulator uses an algo-
rithm based on the transitions of the received sig-
nal. The synchronization mechanism is adjusted
with each signal transiton in order to sample the
demod ulated signal at the middle of the bit
(see Figure 37).
XII.2 - Modem Flow Chart
When in parallel data mode, each time the
ST75C530/540 has receive some bit of data it
executes the following routine (see Figure 38).
Where x start with the value 0 and toggle between
1 and 0.
DEMODULATED
SIGNAL
SAMPLE TIME
RECEIVE BIT
01
00
1
00
1
01
Figure 37
No
Yes
BEGIN
WRITE BIT IN
INTERNAL BUFFER
INTERNAL BUFFER
FULL
SELECT NEXT DUAL
RAM BUFFER X
No
Yes
DTRBSx = 0
MOVE DATA FROM INTERNAL
BUFFER TO DTRBFx
WRITE DTRBSx
RAISE IT3 INTERRUPT
RETURN
RETURN
SIGNAL ERROR
INTO ERR_Rx
RAISE IT0 INTERRUPT
SELECT DUAL
RAM BUFFER x = 0
RETURN
Figure 38
XII.3 - Host Flow Chart
Hereafter are flowcharts to :
- Establish a V.29 reception.
- Receive synchronous data. This task is per-
formed under interrupt.
- Handle properly some temporary loss of carrier.
ST75C530 - ST75C540
70/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com