Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 22Page - STMicroelectronics ST75C530 Datasheet HTML 23Page - STMicroelectronics ST75C530 Datasheet HTML 24Page - STMicroelectronics ST75C530 Datasheet HTML 25Page - STMicroelectronics ST75C530 Datasheet HTML 26Page - STMicroelectronics ST75C530 Datasheet HTML 27Page - STMicroelectronics ST75C530 Datasheet HTML 28Page - STMicroelectronics ST75C530 Datasheet HTML 29Page - STMicroelectronics ST75C530 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
VI.2.1.4 - Configuration Control Commands
ASEL
Select the Analog path option, like
Microphone input, Speaker attenuation.
Parametric command.
CONF
Configure. This command configures the
modem engine for data transmission and
handshake procedures (if any) in any of
the supported modes. The transmission
parameters are set to their default values
and can be modified with the MODC
command. Parametric command.
MODC
Modify Configuration. This command
allows modification of some of the
parameters which have been set up by
the CONF command. It can also be used
to alter the mode of operations (short
train). Parametric command.
DOSR
Define Optional Status Report. This
command allows the modification of the
optional status report located in the status
area of the dual port RAM. One can thus
select a particular parameter to be
monitored during all modes of operation.
Parametric command.
DSIT
Define Status Interrupt. This command
allows the programming of the status
word bit that will generate an Interrupt to
the controller. Parametric command.
VI.2.1.5 - Tone Generation Commands
TONE
SelectTone. Programsthe tonegenerator(s)
for the desired default tone(s). Additional
mnemonics provide quick programming of
DTMF tones or other currently used tones.
Parametric command.
DEFT
De f i ne To ne. Pr ogr a ms t h e t one
generator(s) for arbitrary tone synthesis.
Parametric command.
TGEN
Tone Generator Control. Enables or
di s ables t he t on e gener a t or ( s) .
Parametric command.
VI.2.1.6 - Tone Detection Commands
TDRC
Read Tone Detector Coefficient. Read
on e Tone D et ect or C oe f f ic i ent .
Parametric command.
TDWC
Write Tone Detector Coefficient. Write
on e Tone D et ect or C oe f f ic i ent .
Parametric command.
TDRW
Read Tone Detector Wiring. Read one
Tone Det ecto r Wi rin g co nne ction.
Parametric command.
TDWW Write Tone Detector Wiring. Write one
Tone De tecto r Wir ing connection.
Parametric command.
TDZ
Clear Tone Detector Cell. Clear internal
variables of a Tone Detector Cell.
Parametric command.
VI.2.1.7 - Miscellaneous Commands
CALL
Call a Subroutine. Call a subroutine with
one Parameter. Parametric command.
JSR
Call a Low Level Subroutine. Call an
internal subroutine with one parameter.
Parametric command.
VI.3 - Command Set Short Form
CCI Command
Mnemonic
Value
Description
XMIT
0x01
Transmit Data
SETGN
0x02
Set Transmit Gain
SLEEP
0x03
Power Down the ST75C530/540
HSHK
0x04
FAX Start Transmitter
RTRA*
0x05
Retrain (V.32bis/V.32 and V.22bis)
INIT
0x06
Initialize (Software Reset)
CSE
0x08
Clear Error Status Word
FORM
0x09
Define Data Format
DOSR
0x0A
Define Optional Status Report
ASEL
0x0B
Select the Analog Path Options
TONE
0x0C
Generate Predefined Tones
TGEN
0x0D
Enable Tone Generator
DEFT
0x0E
Define Arbitrary Tone
MR
0x10
Memory Read
CR
0x11
Complex Read
MW
0x12
Memory Write
DSIT
0x13
Define Status Interrupt
IDT
0x14
Return Product Identification Code
JSR
0x18
Call a Low Level Routine
CALL
0x19
Call a Routine
TDRC
0x1A
Tone Detector Read Coefficient
TDRW
0x1B
Tone Detector Read Wiring
TDWC
0x1C
Tone Detector Write Coefficient
TDWW
0x1D
Tone Detector Write Wiring
TDZ
0x1E
Tone Detector Clear Cell
CONF
0x20
Configure
MODC
0x21
Modify Default Configuration
STOP
0x25
FAX Stop Transmitter
SYNC
0x26
FAX Synchronize Receiver
MRI
0x28
Memory Read Indirect
MRLO
0x29
Memory Read Low Word
MWI
0x2A
Memory Write Indirect
MWLO
0x2B
Memory Write Low Word
* ST75C540 only.
VI - USER INTERFACE (continued)
ST75C530 - ST75C540
26/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com