Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C530 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST75C530
Description  SUPER INTEGRATED DEVICESWITH DSP, AFE & MEMORIES FORTELEPHONY,MODEM, FAXOVERINTERNET& POTSLINES
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C530 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST75C530 Datasheet HTML 39Page - STMicroelectronics ST75C530 Datasheet HTML 40Page - STMicroelectronics ST75C530 Datasheet HTML 41Page - STMicroelectronics ST75C530 Datasheet HTML 42Page - STMicroelectronics ST75C530 Datasheet HTML 43Page - STMicroelectronics ST75C530 Datasheet HTML 44Page - STMicroelectronics ST75C530 Datasheet HTML 45Page - STMicroelectronics ST75C530 Datasheet HTML 46Page - STMicroelectronics ST75C530 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
This appendix is dedicated to the ST75C530/540
reporting features. In the following sections the
command acknowledge process and the report
and status definitions are explained.
VIII.1 - Command Acknowledge and Report
VIII.1.1 - Command Acknowledge Process
The ST75C530/540 features an acknowledge
process based on a counter COMACK. On power-
on reset (or INIT command), this counter’s value is
set to 0. Each time a command is successfully
executed by the ST75C530/540, the acknowledge
counter COMACK is incremented. This allows a
precise monitoring of the command entered and
avoids command collision.
In the case of a memory reading command (CR,
TDRC, TDRW, IDT or MR) once the command
entered is executed,the report area is filled and the
acknowledge counter is incremented afterwards.
This insures that the controller will read the value
corresponding to its request.
Furthermore, the ST75C530/540 resets the value
of the COMSYS register and the interruption IT6
is raised.
VIII.1.2 - Reports Specification
The report section of the Dual Port RAM is dedi-
cated to memory reading. In response to a CR, MR,
MRI, MRLO, TDRC, TDRW, IDT commands, the
value read is transferred to the report registers
COMREP[0..1].
VIII - STATUS DESCRIPTION
ASSERT
INTERRUPT
IT0
SET SYSERR
ERR_IOCD
SET SYSERR
ERR_IPRM
EXECUTE
COMMAND
CLEAR
ANSWER
END
Yes
No
BEGIN
COMSYS = 0
COMMAND EXIST
No
Yes
CLEAR
COMSYS
ASSERT
INTERRUPT
IT6
COPY ANSWER
INTO
COMREP
ASSERT
INTERRUPT
IT0
INCREMENT
COMACK
Figure 16 : Command Acknowledge Process
ST75C530 - ST75C540
43/84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com