Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 326Page - Renesas Technology Corp M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp M32C/8B Datasheet HTML 330Page - Renesas Technology Corp M32C/8B Datasheet HTML 331Page - Renesas Technology Corp M32C/8B Datasheet HTML 332Page - Renesas Technology Corp M32C/8B Datasheet HTML 333Page - Renesas Technology Corp M32C/8B Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 313 of 385
(5) Block Erase Command
By writing the command code xx20h in the first bus cycle and xxD0h to the highest-order even address of a
block to be erased in the second bus cycle, an erase operation (erase and verify) starts on the specified block.
The FMR00 bit in the FMR0 register can be used to determine whether an erase operation has been completed
or not. The FMR00 bit becomes 0 (busy) during the erase operation, and becomes 1 (ready) when the erase
operation is completed.
After the erase operation is completed, the FMR07 bit in the FMR0 register is used to determine whether the
erase operation is completed successfully or not. (Refer to 23.6.1.3 Error Check for details.)
Figure 23.10 shows a flow chart of block erase command.
The lock bit can protect each block from being erased inadvertently. (Refer to 23.3.1 Lock bit Protect
Function for details.)
In EW1 mode, do not execute this command to the block where the rewrite control program is stored.
In EW0 mode, the flash memory enters read status register mode when an erase operation starts.
Figure 23.10
Block Erase Command
Start
End
Error check
FMR00 = 1?
YES
NO
Write the command code xx20h
Write xxD0h to the highest-order even address of block
Write command code and data to even address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com