Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 327Page - Renesas Technology Corp M32C/8B Datasheet HTML 328Page - Renesas Technology Corp M32C/8B Datasheet HTML 329Page - Renesas Technology Corp M32C/8B Datasheet HTML 330Page - Renesas Technology Corp M32C/8B Datasheet HTML 331Page - Renesas Technology Corp M32C/8B Datasheet HTML 332Page - Renesas Technology Corp M32C/8B Datasheet HTML 333Page - Renesas Technology Corp M32C/8B Datasheet HTML 334Page - Renesas Technology Corp M32C/8B Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 406 page
background image
Under development
M32C/8B Group
23. Flash Memory
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 314 of 385
(6) Lock Bit Program Command
The lock bit program command is used to set the lock bit of a given block to 0 (locked).
By writing the command code xx77h in the first bus cycle and xxD0h to the highest-order even address of a
block to be locked in the second bus cycle, the lock bit of the specified block becomes 0. The address specified
in the first bus cycle must be the same highest-order even address of the block specified in the second bus cycle.
Figure 23.11 shows a flow chart of lock bit program command. Execute the read lock bit status command to
read lock bit status (lock bit data).
The FMR00 bit in the FMR0 register can be used to determine whether a lock bit program operation has been
completed or not.
Refer to 23.3.1 Lock bit Protect Function for information on lock bit functions and how to set it to 1
(unlocked).
In EW1 mode, do not execute this command to the block where the rewrite control program is stored.
In EW0 mode, the flash memory enters read status register mode when a program operation starts.
Figure 23.11
Lock Bit Program Command
Start
End
Error check
FMR00 = 1?
YES
NO
Write the command code xx77h to the highest-order
even address of block
Write xxD0h to the same highest-order
even address of block
Write command code and data to the same even address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com