| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 115 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 115 Page - Renesas Technology Corp |
|
115 / 406 page ![]() Under development M32C/8B Group 11. Interrupts Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 98 of 385 11.4 High-Speed Interrupt The high-speed interrupt executes an interrupt sequence in five cycles and returns from the interrupt routine in three cycles. When the FSIT bit in the RLVL register is set to 1 (interrupt priority level 7 is used for the high- speed interrupt), the interrupt that bits ILVL2 to ILVL0 in the Interrupt Control Register are set to 111b (level 7) becomes the high-speed interrupt. Only one interrupt can be set as the high-speed interrupt. To use the high-speed interrupt, do not set multiple interrupts to interrupt priority level 7. Set the DMAII bit in the RLVL register to 0 (interrupt priority level 7 is used for interrupt) to use the high-speed interrupt. Set the starting address of a high-speed interrupt routine in the VCT register. When the high-speed interrupt is acknowledged, the FLG register value is saved into the SVF register and the PC value is saved into the SVP register. A program is executed from an address indicated by the VCT register. Use the FREIT instruction to return from a high-speed interrupt routine. Values saved into registers SVF and SVP are restored to the FLG register and PC by executing the FREIT instruction. The high-speed interrupt, and DMA2 and DMA3 share some of the registers. When using the high-speed interrupt, neither DMA2 nor DMA3 is available. DMA0 and DMA1 can still be used. Figure 11.2 shows a procedure to use high-speed interrupt. Figure 11.2 Procedure to Use High-Speed Interrupt I flag = 0 RLVL register: FSIT bit = 1 DMAII bit = 0 I flag = 1 Operate peripheral functions VCT regsiter: Set the starting address of the high-speed interrupt routine Interrupt Control Register: Bits ILVL2 to ILVL0 = 111b (level 7) Interrupt enabled Interrupt disabled Interrupt priority level 7 is used for the high-speed interrupt Interrupt priority level 7 is used for interrupt Set the interrupt priority level in the Interrupt Control Register for the peripheral function used for the high-speed interrupt source. Set the peripheral function used for the high-speed interrupt source Start End |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |