| Electronic Components Datasheet Search |
|
M32C/8B Datasheet(PDF) 140 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/8B Datasheet(HTML) 140 Page - Renesas Technology Corp |
|
140 / 406 page ![]() Under development M32C/8B Group 13. DMAC Preliminary specification Specifications in this manual are tentative and subject to change. REJ09B0450-0050 Rev.0.50 Oct 31, 2008 Page 123 of 385 Table 13.2 DMiSL Register (i = 0 to 3) Function NOTES: 1. When the INT3 pin is used for data bus in memory expansion mode or microprocessor mode, a DMA3 interrupt request cannot be generated by an input signal to the INT3 pin. 2. The falling edge or both edges of input signal to the INTi pin can be a DMA request source. It is not affected by the INT interrupts (bits POL and LVS in the INTiIC register, the IFSR register) and vice versa. 3. To switch between the UARTj receive interrupt and ACK interrupt (j = 0 to 4), use the IICM bit in the UiSMR register and IICM2 bit on the UiSMR2 register. To use the ACK interrupt, set the IICM bit to 1 (I2C mode) and the IICM2 bit to 0 (NACK/ACK interrupt). Setting Value DMA Request Source b4 b3 b2 b1 b0 DMA0 DMA1 DMA2 DMA3 0000 0 Software trigger 0000 1Falling edge of INT0 Falling edge of INT1 Falling edge of INT2 Falling edge of INT3(1) (Note 2) 0001 0Both edges of INT0 Both edges of INT1 Both edges of INT2 Both edges of INT3(1) (Note 2) 0001 1 Timer A0 interrupt request 0010 0 Timer A1 interrupt request 0010 1 Timer A2 interrupt request 0011 0 Timer A3 interrupt request 0011 1 Timer A4 interrupt request 0100 0 Timer B0 interrupt request 0100 1 Timer B1 interrupt request 0101 0 Timer B2 interrupt request 0101 1 Timer B3 interrupt request 0110 0 Timer B4 interrupt request 0110 1 Timer B5 interrupt request 0111 0 UART0 transmit interrupt request 0111 1 UART0 receive interrupt or ACK interrupt request(3) 1000 0 UART1 transmit interrupt request 1000 1 UART1 receive interrupt or ACK interrupt request(3) 1001 0 UART2 transmit interrupt request 1001 1 UART2 receive interrupt or ACK interrupt request(3) 1010 0 UART3 transmit interrupt request 1010 1 UART3 receive interrupt or ACK interrupt request(3) 1011 0 UART4 transmit interrupt request 1011 1 UART4 receive interrupt or ACK interrupt request(3) 1100 0 A/D0 interrupt request |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |