Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 184Page - Renesas Technology Corp M32C/8B Datasheet HTML 185Page - Renesas Technology Corp M32C/8B Datasheet HTML 186Page - Renesas Technology Corp M32C/8B Datasheet HTML 187Page - Renesas Technology Corp M32C/8B Datasheet HTML 188Page - Renesas Technology Corp M32C/8B Datasheet HTML 189Page - Renesas Technology Corp M32C/8B Datasheet HTML 190Page - Renesas Technology Corp M32C/8B Datasheet HTML 191Page - Renesas Technology Corp M32C/8B Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 406 page
background image
Under development
M32C/8B Group
15. Timer B
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 171 of 385
Figure 15.26
TABSR Register, TBSR Register
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
0: Count stops
1: Count starts
Function
b7 b6 b5 b4
b1
b2
b3
Symbol
TABSR
Address
0340h
After Reset
00h
b0
Bit Symbol
Bit Name
RW
TB0S
TB2S
Timer A3 count start bit
Timer B2 count start bit
RW
RW
RW
RW
TA4S
RW
TA3S
Timer B0 count start bit
Timer B1 count start bit
TB1S
Count Start Register
Timer A4 count start bit
Timer A1 count start bit
TA1S
RW
Timer A2 count start bit
RW
TA2S
0: Count stops
1: Count starts
Timer A0 count start bit
TA0S
RW
b7 b6 b5 b4
b1
b2
b3
Symbol
TBSR
Address
0300h
After Reset
000X XXXXb
b0
Function
Bit Symbol
Bit Name
RW
Timer B3, B4, B5 Count Start Register
Timer B3 count start bit
TB3S
RW
Unimplemented.
Write 0. Read as undefined value.
(b4-b0)
0: Count stops
1: Count starts
TB4S
RW
RW
TB5S
0: Count stops
1: Count starts
Timer B4 count start bit
0: Count stops
1: Count starts
Timer B5 count start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com