Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32C/8B Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M32C/8B
Description  RENESAS MCU M16C FAMILY / M32C/80 SERIES
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8B Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M32C/8B Datasheet HTML 181Page - Renesas Technology Corp M32C/8B Datasheet HTML 182Page - Renesas Technology Corp M32C/8B Datasheet HTML 183Page - Renesas Technology Corp M32C/8B Datasheet HTML 184Page - Renesas Technology Corp M32C/8B Datasheet HTML 185Page - Renesas Technology Corp M32C/8B Datasheet HTML 186Page - Renesas Technology Corp M32C/8B Datasheet HTML 187Page - Renesas Technology Corp M32C/8B Datasheet HTML 188Page - Renesas Technology Corp M32C/8B Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 406 page
background image
Under development
M32C/8B Group
15. Timer B
Preliminary specification
Specifications in this manual are tentative and subject to change.
REJ09B0450-0050 Rev.0.50 Oct 31, 2008
Page 168 of 385
Figure 15.23
TB0MR to TB5MR Registers in Event Counter Mode
b3 b2
0 0: Falling edges of an external signal counted
0 1: Rising edges of an external signal counted
1 0: Falling and rising edges of an external
signal counted
1 1: Do not set to this value
b7
1
0
0
b6 b5 b4
b1
b2
b3
Symbol
TB0MR to TB5MR
Address
035Bh, 035Ch, 035Dh, 031Bh, 031Ch, 031Dh
After Reset
00XX 0000b
b0
Function
Bit Symbol
Bit Name
RW
MR3
TCK1
RW
RW
RW
MR1
TCK0
Timer Bi Mode Register (i = 0 to 5)(Event Counter Mode)
TMOD1
RW
RW
MR0
b1 b0
0 1: Event counter mode
Operating mode select bits
TMOD0
RW
Disabled in event counter mode.
Write 0. Read as undefined value.
NOTES:
1. Bits MR1 and MR0 are enabled when the TCK1 bit is set to 0. Bits MR1 and MR0 can be set to either 0 or 1 when the TCK1 bit
is set to 1.
2. j = i - 1, except j = 2 if i = 0 and j = 5 if i = 3.
MR2
RW
Registers TB0MR and TB3MR:
Set to 0 in event counter mode.
Registers TB1MR, TB2MR, TB4MR, and TB5MR:
Unimplemented.
Write 0. Read as undefined value.
Count polarity select bits(1)
Disabled in event counter mode.
Can be set to either 0 or 1
0: Signal applied to the TBiIN pin
1: TBj overflows or underflows(2)
Event clock select bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com