Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 357Page - Renesas Technology Corp 7643 Datasheet HTML 358Page - Renesas Technology Corp 7643 Datasheet HTML 359Page - Renesas Technology Corp 7643 Datasheet HTML 360Page - Renesas Technology Corp 7643 Datasheet HTML 361Page - Renesas Technology Corp 7643 Datasheet HTML 362Page - Renesas Technology Corp 7643 Datasheet HTML 363Page - Renesas Technology Corp 7643 Datasheet HTML 364Page - Renesas Technology Corp 7643 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.3 Notes on use
Rev.2.00
Aug 28, 2006
page 38 of 98
3.3.14 Notes on CPU rewrite mode for flash memory version
The below notes applies when rewriting the flash memory in CPU rewrite mode.
(1) Operation speed
During CPU rewrite mode, set the internal clock
φ to 6 MHz or less using the XIN divider select bit
(bit 7 of address 001F16).
(2) Instructions inhibited against use
The instructions which refer to the internal data of the flash memory cannot be used during CPU
rewrite mode .
(3) Interrupts inhibited against use
The interrupts cannot be used during CPU rewrite mode because they refer to the internal data of
the flash memory.
(4) Reset
Reset is always valid. When CNVSS is “H” at reset release, the program starts from the address
stored in addresses FFFA16 and FFFB16 of the boot ROM area in order that CPU may start in boot
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com