Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 388 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 388 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 384Page - Renesas Technology Corp 7643 Datasheet HTML 385Page - Renesas Technology Corp 7643 Datasheet HTML 386Page - Renesas Technology Corp 7643 Datasheet HTML 387Page - Renesas Technology Corp 7643 Datasheet HTML 388Page - Renesas Technology Corp 7643 Datasheet HTML 389Page - Renesas Technology Corp 7643 Datasheet HTML 390Page - Renesas Technology Corp 7643 Datasheet HTML 391Page - Renesas Technology Corp 7643 Datasheet HTML 392Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 65 of 98
Fig. 3.5.35 Structure of DMAC channel x transfer count registers Low, High (x = 0, 1)
DMAC channel x transfer count registers Low, High
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x transfer count registers Low
(DMAxCL : address 4616)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is the lower 8-bit register with a latch. Set the lower 8 bits of
transfer numbers.
qThis register indicates the remaining transfer numbers while
transfer is continuing.
qThis contents are decreased by 1 at every transfer operation.
qWhen this register underflows, the DMAC interrupt request bit and
the count register underflow flag (Note 2) are set to “1”.
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x transfer count registers High
(DMAxCH : address 4716)
b
0
0
Functions
At reset R W
1
0
2
0
3
0
4
0
5
0
6
0
7
0
qThis is the higher 8-bit register with a latch. Set the higher 8 bits of
transfer numbers.
qThis register indicates the remaining transfer numbers while
transfer is continuing.
qThis contents are decreased by 1 at every transfer operation.
Notes 1: DMAC channel x transfer count registers low, high of channels 0 and 1 are
assigned at the same addresses 4616 and 4716. The accessible channel depends
on channel index bit, bit 7 of DMAC index and status register.
2: Channel 0 used: Bit 0 of DMAC index and status register
Channel 1 used: Bit 2 of DMAC index and status register
3: Write data into the lower byte first, and then the higher byte.
4: Read the contents from the higher byte first, and then the lower byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com