Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 387Page - Renesas Technology Corp 7643 Datasheet HTML 388Page - Renesas Technology Corp 7643 Datasheet HTML 389Page - Renesas Technology Corp 7643 Datasheet HTML 390Page - Renesas Technology Corp 7643 Datasheet HTML 391Page - Renesas Technology Corp 7643 Datasheet HTML 392Page - Renesas Technology Corp 7643 Datasheet HTML 393Page - Renesas Technology Corp 7643 Datasheet HTML 394Page - Renesas Technology Corp 7643 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 68 of 98
Fig. 3.5.38 Structure of USB interrupt status register 1
USB interrupt status register 1
b7 b6 b5 b4 b3 b2 b1 b0
USB interrupt status register 1
(USBIS1 : address 5216)
b
0
0
0
0
2
Name
0
Functions
At reset R W
0
0
USB endpoint 1 IN
interrupt status flag
(INTST2)
USB endpoint 1 OUT
interrupt status flag
(INTST3)
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 0 is
successfully received
• A packet data of endpoint 0 is
successfully sent
• DATA_END bit of endpoint 0 is
cleared to “0”
• FORCE_STALL bit of endpoint 0 is
set to “1”
• SETUP_END bit of endpoint 0 is set
to “1”.
0 : Except the following conditions
1 : Set at which of the following
condition:
• A packet data of endpoint 1 is
successfully sent
USB endpoint 2 IN
interrupt status flag
(INTST4)
0 : Except the following conditions
1 : Set at which of the following
condition:
• A packet data of endpoint 2 is
successfully sent
6
0
USB endpoint 0 interrupt
status flag (INTST0)
Nothing is arranged for this bit. Fix this bit to “0”.
Nothing arranged for these bits.
Fix these bits to “0”.
3
1
✽
✽
✽
✽
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 1 is
successfully received
• FORCE_STALL bit of endpoint 1 is set
to “1”.
0
USB endpoint 2 OUT
interrupt status flag
(INTST5)
5
✽
0
0 : Except the following conditions
1 : Set at any one of the following
conditions:
• A packet data of endpoint 2 is
successfully received
• FORCE_STALL bit of endpoint 2 is set
to “1”.
0
4
0
7
✽: “0” can be set by software, but “1” cannot be set.
To clear the bit set to “1”, write “1” to the bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com