Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 391Page - Renesas Technology Corp 7643 Datasheet HTML 392Page - Renesas Technology Corp 7643 Datasheet HTML 393Page - Renesas Technology Corp 7643 Datasheet HTML 394Page - Renesas Technology Corp 7643 Datasheet HTML 395Page - Renesas Technology Corp 7643 Datasheet HTML 396Page - Renesas Technology Corp 7643 Datasheet HTML 397Page - Renesas Technology Corp 7643 Datasheet HTML 398Page - Renesas Technology Corp 7643 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 72 of 98
Fig. 3.5.43 Structure of USB endpoint x IN control register
AUTO_SET bit (INXCSR7) 0 : AUTO_SET disabled
1 : AUTO_SET enabled ✽3
0
SERVICED_SETUP_END
bit (IN0CSR7)
0 : Except the following condition
1 : Writing “1” to this bit clears SETUP_
END flag to “0”.
USB endpoint 0 IN control register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint 0 IN control register
(IN_CSR : address 5916)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
IN_PKT_RDY bit
(IN0CSR1)
DATA_END bit (IN0CSR3)
FORCE_STALL flag
(IN0CSR4)
SEND_STALL bit
(IN0CSR2)
0 : Except the following condition
(Cleared to “0” by writing “1” into
SERVICED_OUT_PKT_RDY bit)
1 : End of a data packet reception
0 : End of a data packet transmission
1 : Write “1” at completion of writing a
data packet into IN FIFO.
0 : Except the following condition
1 : Transmitting STALL handshake signal
0 : Except the following condition
(Cleared to “0” after completion of
status phase)
1 : Write “1” at completion of writing or
reading the last data packet to/from
FIFO.
0 : Except the following condition
1 : Protocol error detected
5
0
SETUP_END flag
(IN0CSR5)
0 : Except the following condition
(Cleared to “0” by writing “1” into
SERVICED_SETUP_END bit)
1 : Control transfer ends before the
specific length of data is transferred
during the data phase.
6
7
0
SERVICED_OUT_PKT_R
DY bit (IN0CSR6)
0 : Except the following condition
1 : Writing “1” to this bit clears OUT_
PKT_RDY flag to “0”.
OUT_PKT_RDY flag
(IN0CSR0)
3
USB endpoint 1, 2 IN control register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint 1, 2 IN control register
(IN_CSR : address 5916)
b
0
0
1
Name
0
Functions
At reset R W
0
0
0
SEND_STALL bit
(INXCSR2)
TOGGLE_INIT bit
(INXCSR3)
0 : End of a data packet transmission
1 : Write “1” at completion of writing a
data packet into IN FIFO. (Note 2)
0 : Except the following condition
1 : Transmitting STALL handshake signal
0 : Except the following condition
1 : Initializing the data toggle sequence
bit
5
0
INTPT bit (INXCSR4)
0 : Except the following condition
1 : Initializing to endpoint used for
interrupt transfer, rate feedback
7
0
TX_NOT_EPT flag
(INXCSR5)
0 : Empty in IN FIFO
1 : Full in IN FIFO
0
0
FLUSH bit (INXCSR6)
0 : Except the following condition
1 : Flush FIFO
INT_PKT_RDY bit
(INXCSR0)
2
3
✽ 1: “1” can be set by software, but “0” cannot be set.
✽ 2: When INXCSR7=“1”, this bit is automatically set to “1”.
When INXCSR7=“0”, writing data to FIFO, and then write “1” to this bit.
✽ 3: To use the AUTO_SET function for an IN transfer when the AUTO_SET bit is set to “1”,
set the FIFO to single buffer mode.
4
6
✕
Nothing is arranged for this bit.
Fix this bit to “0”.
✽2
✽1
✽1
✽2
✽2
✽1
✽1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com