Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 394Page - Renesas Technology Corp 7643 Datasheet HTML 395Page - Renesas Technology Corp 7643 Datasheet HTML 396Page - Renesas Technology Corp 7643 Datasheet HTML 397Page - Renesas Technology Corp 7643 Datasheet HTML 398Page - Renesas Technology Corp 7643 Datasheet HTML 399Page - Renesas Technology Corp 7643 Datasheet HTML 400Page - Renesas Technology Corp 7643 Datasheet HTML 401Page - Renesas Technology Corp 7643 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 424 page
background image
7643 Group
REJ09B0133-0200
APPENDIX
3.5 Control registers
Rev.2.00
Aug 28, 2006
page 75 of 98
USB endpoint x OUT write count register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint x (x=0 to 2) OUT write count register
(WRT_CNT : address 5D16)
b
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
5
0
6
7
0
0
3
Contains the number of bytes in endpoint x OUT FIFO.
✕
✕
✕
✕
✕
✕
✕
✕
USB endpoint FIFO mode register
b7 b6 b5 b4 b3 b2 b1 b0
USB endpoint FIFO mode register
(USBFIFOMR : address 5F16)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
For endpoint 1
b3b2b1b0
✕ 0 0 0 : IN 128-byte, OUT 128-byte
For endpoint 2
b3b2b1b0
0 ✕ ✕ ✕ : IN 32-byte, OUT 32-byte
1 ✕ ✕ ✕ : IN 128-byte, OUT 128-byte
FIFO size selection bit
(Note)
0
0
0
0
3
4
5
6
7
Note: The value set into “x” is invalid.
Nothing is arranged for these bits. When these bits are read out, the
contents are undefined. These bits are “0” at write.
Fig. 3.5.47 Structure of USB endpoint x OUT write control register (x = 0 to 2)
Fig. 3.5.48 Structure of USB endpoint FIFO mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com