Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 152Page - Renesas Technology Corp 7643 Datasheet HTML 153Page - Renesas Technology Corp 7643 Datasheet HTML 154Page - Renesas Technology Corp 7643 Datasheet HTML 155Page - Renesas Technology Corp 7643 Datasheet HTML 156Page - Renesas Technology Corp 7643 Datasheet HTML 157Page - Renesas Technology Corp 7643 Datasheet HTML 158Page - Renesas Technology Corp 7643 Datasheet HTML 159Page - Renesas Technology Corp 7643 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 35 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.3 Serial I/O
Fig. 2.3.17 Control procedure of SPI compatible mode in master
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
0
1
IREQC (Address : 0416), bit3?
Initialization
SIOCON1
SIOCON2
IREQC
ICONC
(Address : 2B16)
(Address : 2C16)
(Address : 0416), bit3
(Address : 0716), bit3
010111012
000111012
IREQC (Address : 0416), bit3
SIOSHT (Address : 2A16)
Transmi-
ssion data
•Serial I/O interrupt request bit set to “0”
•Serial I/O interrupt disabled
RESET
0
0
•Serial I/O set
CLI
0
•Transmission data write
(Start of transmit 1-byte data)
•Then P80/SRDY pin set to “L”
•Judgment of completion of transmitting 1-byte data
•“L” output from P80/SRDY pin
Master Unit
Read out received data from SIOSHT
(Address : 2A16)
N
Y
Complete to transmit all data?
•Use any of RAM area as a counter for counting
the number of transmitted bytes
•Judgment of completion of transmitting all data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com