Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 155Page - Renesas Technology Corp 7643 Datasheet HTML 156Page - Renesas Technology Corp 7643 Datasheet HTML 157Page - Renesas Technology Corp 7643 Datasheet HTML 158Page - Renesas Technology Corp 7643 Datasheet HTML 159Page - Renesas Technology Corp 7643 Datasheet HTML 160Page - Renesas Technology Corp 7643 Datasheet HTML 161Page - Renesas Technology Corp 7643 Datasheet HTML 162Page - Renesas Technology Corp 7643 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 38 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
2.4.2 Related registers
Fig. 2.4.2 Structure of UART mode register
UART mode register
b7 b6 b5 b4 b3 b2 b1 b0
UART mode register
(UMOD : address 3016)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
0
UART clock prescaling
select bits (PS)
Parity select bit (PMD)
Parity enable bit (PEN)
Stop bit length select bit
(STB)
b2b1
0 0 :
φ/1
0 1 :
φ/8
1 0 :
φ/32
1 1 :
φ/256
0 : 1 stop bit
1 : 2 stop bits
0 : Even parity
1 : Odd parity
0 : Parity checking disabled
1 : Parity checking enabled
5
0
UART character length
select bit (LE1, 0)
6
7
0
3
b7b6
0 0 : 7 bits
0 1 : 8 bits
1 0 : 9 bits
1 1 : Not available
Nothing is arranged for this bit.
Fix this bit to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com