Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 159Page - Renesas Technology Corp 7643 Datasheet HTML 160Page - Renesas Technology Corp 7643 Datasheet HTML 161Page - Renesas Technology Corp 7643 Datasheet HTML 162Page - Renesas Technology Corp 7643 Datasheet HTML 163Page - Renesas Technology Corp 7643 Datasheet HTML 164Page - Renesas Technology Corp 7643 Datasheet HTML 165Page - Renesas Technology Corp 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 42 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
UART transmit/receive buffer registers 1, 2
b7 b6 b5 b4 b3 b2 b1 b0
UART transmit/receive buffer register 1
(UTRB1: address 3416)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
The transmit buffer register and the receive buffer register are located
at the same address. Writing a transmitting data and reading a
received data are performed through the UTRB. This is its low-order
byte.
•At write
The data is written into the transmit buffer register. It is not done into
the receive buffer register.
•At read
The contents of receive buffer register is read.
If a character bit length is 7 bits, the MSB of received data is invalid.
Note that the contents of transmit buffer register cannot be read.
b7 b6 b5 b4 b3 b2 b1 b0
UART transmit/receive buffer register 2
(UTRB2: address 3516)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
6
Undefined
7
Undefined
The transmit buffer register and the receive buffer register are located
at the same address. Writing a transmitting data and reading a
received data are performed through the UTRB. This is its high-order
byte.
•At write
The data is written into the transmit buffer register. It is not done into
the receive buffer register.
•At read
The contents of receive buffer register is read.
If a character bit length is 9 bits, the received high-order 7 bits of
UTRB2 are “0”
Note that the contents of transmit buffer register cannot be read. If a
character bit length is 7 or 8 bits, the received contents of UTRB2 are
invalid.
Nothing is arranged for these bits. These are write disable bits.
✕
✕
✕
✕
✕
✕
✕
When these bits are read out, the contents are “0”.
Fig. 2.4.7 Structure of UART transmit/receive buffer registers 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com