Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 160Page - Renesas Technology Corp 7643 Datasheet HTML 161Page - Renesas Technology Corp 7643 Datasheet HTML 162Page - Renesas Technology Corp 7643 Datasheet HTML 163Page - Renesas Technology Corp 7643 Datasheet HTML 164Page - Renesas Technology Corp 7643 Datasheet HTML 165Page - Renesas Technology Corp 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 43 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.8 Structure of Interrupt request register A
Interrupt request register A
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register A
(IREQA : address 0216)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
USB function interrupt
request bit
INT1 interrupt request bit
DMAC0 interrupt request
bit
UART receive buffer full
interrupt request bit
INT0 interrupt request bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
DMAC1 interrupt request
bit
UART transmit interrupt
request bit
0
✽
✽
✽
✽
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
Nothing is arranged for this bit. When this bit is read out, the contents
are undefined. This bit is “0” at write.
Interrupt request register B
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt request register B
(IREQB : address 0316)
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0
0
0
0
0
0
UART summing error
interrupt request bit
Timer 1 interrupt request
bit
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
0 : No interrupt request issued
1 : Interrupt request issued
Timer 2 interrupt request
bit
0
✽
✽
✽
✽: “0” can be set by software, but “1” cannot be set.
Nothing is arranged for these bits.
When these bits are read out, the contents are undefined.
These bits are “0” at write.
Fig. 2.4.9 Structure of Interrupt request register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com