Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 164Page - Renesas Technology Corp 7643 Datasheet HTML 165Page - Renesas Technology Corp 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp 7643 Datasheet HTML 169Page - Renesas Technology Corp 7643 Datasheet HTML 170Page - Renesas Technology Corp 7643 Datasheet HTML 171Page - Renesas Technology Corp 7643 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 47 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
2.4.5 Operation of transmitting and receiving
(1) Transmit operation
•The transmit buffer empty flag (TBE) is set to “0” when the low-order byte of transmitted data is
written into the UART transmit buffer register 1 in the condition of transmission enabled. When
using 9-bit character length, set the data into the UART transmit buffer register 2 (high-order
byte) first before the UART transmit buffer register 1 (low-order byte).
•If the transmit shift register is empty in the condition of CTS function disabled, the transmitted
data which is written into the UART transmit buffer register 1 will be transferred to the transmit
shift register at the same time. When the TBE flag becomes “1”, the following data can be set
to the UART transmit buffer. At this point, the UART transmit interrupt request occurs when the
transmit interrupt source select bit (TIS) is “0”.
•When the CTS function is enabled, the transmitted data is not transferred to the transmit shift
register until “L” is input to the CTS pin (P86/CTS).
•The data is transmitted with the LSB first format. Once the transmission starts, it continues until
the last bit has been transmitted even though clearing the transmit enable bit (TEN) to “0”
(disabled) or inputting “H” to the CTS pin.
•After completion of the last bit transmitting, if the TBE flag is “1”, or the TEN bit is “0” (disabled)
or “H” is input to the CTS pin, the transmit complete flag (TCM) goes to “1”. At this point, the
UART transmit interrupt request occurs when the TIS bit is “1”.
(2) Receive operation
•The data is received with the LSB first format in the condition of reception enabled.
•When the stop bit is detected, the received data is transferred from the receive shift register to
the UART receive buffer register. At the same time, if there is no error, the receive buffer full flag
(RBF) is set to “1” and the UART receive buffer full interrupt request occurs.
•If receive errors occur, the corresponding error flags of UART status register are set to “1” and
the UART summing error interrupt request occurs.
•The receive buffer full flag (RBF) is set to “0” when the contents of UART receive buffer register
1 is read out. Then when the RTS function is disabled, the following data can be received.
When using 9-bit character length, read the data from the UART receive buffer register 2 (high-
order byte) first before the UART receive buffer register 1 (low-order byte).
•When the RTS function is enabled, the RTS assertion delay count is specified by the UART RTS
control register. The delay time from the reception of the last stop bit to the start bit is selectable.
The RTS pin (P87/RTS) outputs “H” during the delayed time. After that, the RTS pin outputs “L”
and a reception is enabled.
•If the start bit is detected in the term of “H” assertion of RTS, its assertion count is suspended
and the RTS pin remains “H” output. After receiving the last stop bit, the count is resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com