Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 166Page - Renesas Technology Corp 7643 Datasheet HTML 167Page - Renesas Technology Corp 7643 Datasheet HTML 168Page - Renesas Technology Corp 7643 Datasheet HTML 169Page - Renesas Technology Corp 7643 Datasheet HTML 170Page - Renesas Technology Corp 7643 Datasheet HTML 171Page - Renesas Technology Corp 7643 Datasheet HTML 172Page - Renesas Technology Corp 7643 Datasheet HTML 173Page - Renesas Technology Corp 7643 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 49 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Fig. 2.4.13 Connection diagram
Specifications : •Transmitter: UART is used.
•Receiver: UART is used.
• Transfer bit rate : 9600 bps (
φ = 12 MHz divided by 1248)
• Data format: 1ST-8DATA-2SP
•Use of CTS and RTS functions
• 2-byte data is transferred from the transmitting side to the receiving side at intervals
of 10 ms generated by the timer.
Fig. 2.4.14 Timing chart
2.4.6 UART application example
(1)
Data output (control of peripheral IC)
Outline : Data is transmitted and received, using the UART.
Figure 2.4.13 shows a connection diagram, and Figure 2.4.14 shows a timing chart.
P84/UTXD
P85/URXD
P87/RTS
P84/UTXD
P85/URXD
P86/CTS
Transmitting side
7643 group
Receiving side
7643 group
P84/UTXD
ST D0 D1 D2 D3 D4 D5 D6 D7 SP(2) ST D0 D1 D2 D3 D4 D5 D6 D7 SP(2)
ST D0
10 ms
P86/CTS
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com